Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA2028 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TEA2028
Description  APPLICATION NOTE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2028 Datasheet(HTML) 1 Page - STMicroelectronics

  TEA2028 Datasheet HTML 1Page - STMicroelectronics TEA2028 Datasheet HTML 2Page - STMicroelectronics TEA2028 Datasheet HTML 3Page - STMicroelectronics TEA2028 Datasheet HTML 4Page - STMicroelectronics TEA2028 Datasheet HTML 5Page - STMicroelectronics TEA2028 Datasheet HTML 6Page - STMicroelectronics TEA2028 Datasheet HTML 7Page - STMicroelectronics TEA2028 Datasheet HTML 8Page - STMicroelectronics TEA2028 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
APPLICATION NOTE
TEA2028 - TEA2029
AN407/0594
By : J-M. MERVAL & B. D’HALLUIN
SUMMARY
Page
TEA2028
I
GENERAL DESCRIPTION ... ... .. .... ... ... . . . .... ... ... .. . . . . . . . . . . ....
3
II
MAIN FUNCTIONS . . . . . . . . . ... .. . . . . . . . . . . . ... .. . . . . . . . ... ... ... .... .. .
4
III
PIN CONNECTION (TEA2028B) . . . . . . . . . . . . . . . . . . . . . . . . . . ... ... ... .... ...
4
IV
INTERNAL BLOCK DIAGRAM . . . . . ... ... ... .... ... ... ... ... ... ... .... ...
5
V
FUNCTIONAL DESCRIPTION ... .. .... ... ... . . . . . . .... ... .. . . . . . . . . . . . . . .
6
V.1
INTERNAL VOLTAGE AND CURRENT REFERENCES . .... ... . ... . . . . . . . . ....
6
V.1.1
1.26V Voltage Reference . . . . . . . . . .... ... .... .. . . . . . . . ... .. . . . . . . . . . . . . . .
6
V.1.1.1
Generator block diagram. . . . . . . . . ... ... ... .... ... ... ... ... ... ... .... ...
6
V.1.2
Current Reference. . . . . . . . . . . . . . . . ... ... ... .... ... ... ... ... ... ... .... ...
6
V.2
LINE SYNC. EXTRACTION . .... .. . . . . . . . . . . . . . . . . . . . . . . . ... ... ... ... . . . .
6
V.2.1
Black Level Locking . . . . . . . . . . . . . . ... ... ... .... ... ... ... ... ... ... .... ...
7
V.2.1.1
Application. . . . .... ... ... .. . . . . ... ... ... .... ... ... ... ... ... ... .... ...
7
V.2.2
Memorizing the Sync Pulse 50% Value . . . . . . . . . . . . . . . . . . . . . ... ... ... .... ...
8
V.2.2.1
IC
ID
Ratio calculation . . . . . . . . . . . . .... ... ... . . . .... ... ... .. . . . . . . . . . . . . . .
8
V.2.3
Sync Pulse Detection . . . . . . . . . . . . . ... ... ... .... ... ... ... ... ... ... .... ...
9
V.3
FIRST PHASE LOCKED-LOOP STAGE ”
φ1” .. .. .. .. ... ... . . . . .. .. .. . . . . . . ...
9
V.3.1
Phase Locked-loop ”
φ1” Block Diagram . .... ... . . . . . . .... ... .. . . . . . . . . . . . . . .
9
V.3.2
Functional Duty of Individual Blocks . . . . . . . . . . . .... ... ... ... ... ... ... .... ...
10
V.3.2.1
Phase comparator. .... ... ... .. .... ... ... . . . . . . .... ... .. . . . . . . . . . . . . . .
10
V.3.2.2
Low-pass filter . . . . .... ... ... .. ..... . . . . . . . . . . . . . . . . . . . . . . . . . . . ... . . . .
10
V.3.2.3
VCO centered on 500kHz . .... .. .... ... ... . . . . . . . . . . ... .. . . . . . . . . . . . . . .
10
V.3.2.4
Divider stage . . . . . .... ... ... .. .... .... . . . . . . . . . . . .... .. . . . . . . . ... . . . .
10
V.3.3
Functional Description of Building Blocks . . . . . . . . . . . . . . . . . . . . ... ... ... .... .. .
10
V.3.3.1
Phase comparator ”
φ1” ... . . . . . . . ... ... ... .... ... ... ... ... ... ... .... ...
10
V.3.3.2
Low-pass filter . . . . .... ... ... .. ..... . . . . . . . . . . . . . . . . . . . . . . . . . . . ... . . . .
11
V.3.3.3
VCO (Voltage Controlled Oscillator) . . . . . . . . . .... ... ... ... ... ... ... .... ...
11
a. 503kHz Ceramic Filter. . .... .. . . . . . . . . . . . ... .. . . . . . . . ... ... ... .... ...
11
b. Simplified Block Diagram of VCO . . . . . . . . . .... ... .. . . .. ... ... ... .... ...
12
c. Characteristics of the External Filter . . . . . . . . . . .... ... ... .. . . . . . . . . . . ....
12
d. Study of the Internal Amplifier . . . . . . . . . . . . . . . . . . . . . . . . . ... ... ... .... .. .
13
e. Characteristics of the non-linear Amplifier ”A4” . . . . . . . . . . . . ... ... ... ... . . . .
14
f. Voltage-frequency transfer characteristics of VCO . . . . . . . . . . . . . . . . . . .... ...
14
V.3.4
”
φ1” Time Constant Switching .... .. . . . . . . . . . . . . . . . . . . . . . . . ... ... ... ... . . . .
14
V.3.5
Video Identification Stage . . . . . . . . . .... ... ... . . . . . . .... ... .. . . . . . . . . . . . . . .
15
V.3.5.1
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . .... ... ... ... ... ... .... . . . ...
15
V.3.6
Characteristics of Loop
φ1.... ... .. .... . . . . . . . . . . . . . . . .... .. . . . . . . . ... . . . .
15
V.3.6.1
Locking accuracy. . . . . . . . . . . . . . . . . . . . . . . . .... ... .. . . .. ... ... ... .... ...
15
V.3.6.2
Dynamic study. . . . . . . . . . . . . . . . . ... ... ... .... ... ... ... ... ... ... .... ...
16
a. Long time constant . .... ... .. .... ... . . . . .. . . . . . . .... .. . . . . . . . . . . . . . .
16
b. Short time constant . .... ... .. . . . . . . . . . . . ... .. . . . . . . . ... ... ... .... .. .
16
V.3.7
Phase Comparator Inhibition. .... .. . . . . . . . . . . . ... .. . . . . . . . ... ... ... .... .. .
17
1/46


Similar Part No. - TEA2028

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA2028B STMICROELECTRONICS-TEA2028B Datasheet
104Kb / 9P
COLOR TV SCANNING AND POWER SUPPLY PROCESSOR
Aug-1993
More results

Similar Description - TEA2028

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AN-236 AD-AN-236 Datasheet
164Kb / 3P
APPLICATION NOTE
AN-686 AD-AN-686 Datasheet
55Kb / 2P
APPLICATION NOTE
REV.0
logo
Vectron International, ...
TFS199D VECTRON-TFS199D_08 Datasheet
25Kb / 1P
Application Note
TFS211C VECTRON-TFS211C_03 Datasheet
40Kb / 2P
Application Note
TFS380K VECTRON-TFS380K Datasheet
28Kb / 1P
Application Note
TFS433K VECTRON-TFS433K_01 Datasheet
25Kb / 1P
Application Note
logo
International Rectifier
AN-1070 IRF-AN-1070 Datasheet
241Kb / 14P
Application Note
AN-1086 IRF-AN-1086 Datasheet
181Kb / 9P
Application Note
AN-1136 IRF-AN-1136 Datasheet
2Mb / 26P
Application Note
AN-983 IRF-AN-983 Datasheet
1Mb / 16P
Application Note
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com