Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA2028 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TEA2028
Description  APPLICATION NOTE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2028 Datasheet(HTML) 4 Page - STMicroelectronics

  TEA2028 Datasheet HTML 1Page - STMicroelectronics TEA2028 Datasheet HTML 2Page - STMicroelectronics TEA2028 Datasheet HTML 3Page - STMicroelectronics TEA2028 Datasheet HTML 4Page - STMicroelectronics TEA2028 Datasheet HTML 5Page - STMicroelectronics TEA2028 Datasheet HTML 6Page - STMicroelectronics TEA2028 Datasheet HTML 7Page - STMicroelectronics TEA2028 Datasheet HTML 8Page - STMicroelectronics TEA2028 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
II - MAIN FUNCTIONS
- Detection and extraction of line and frame syn-
chronization pulses from the composite video
signal.
- Horizontal scanning control and synchronization
by two phase-locked loop devices.
- Video identification.
- 50 or 60Hz standard recognition for vertical scan-
ning.
- Generation of a self-synchronized frame saw-
tooth for 50/60Hz standards.
- Line time constant switching for VCR operation
through an input labeled ”VCR” (Video Cassette
Recorder).
- Control and regulation of a primary-connected
switching power supply by on-chip controller de-
vice combining :
• an error amplifier
• a pulse width modulator synchronized on line
frequency
• a start-up and protection system
- Overall TV set protection input
- Frame blanking and super sandcastle output sig-
nals
- Frame blanking safety input for CRT protection in
case of vertical stage failure.
III - PIN CONNECTIONS
Pin
Description
1
Horizontal output monostable capacitor
2
Frame blanking safety input
3
Frame saw-tooth output
4
Frame blanking output
5
Frame ramp generator
6
Power ground
MISCELLANEOUS
FUNCTIONS
SYNC
SEPARATOR
HORIZONTAL
TIME BASE
VERTICAL
TIME BASE
HORIZONTAL
POWER AMP.
VERTICAL
POWER AMP.
SMPS
CONTROLLER
TEA2028B
Miscellaneous
Power Supplies
PRIMARY
CONNECTED
SMPS
Miscellaneous
Power Supplies
Mains
Input
Video Signal
UHF
I.F.
SEPARATOR
SOUND
I.F.
PICTURE
I.F.
SOUND
DETECTION
PICTURE
DETECTION
UHF
COLOR
DECODING
Figure 1
Pin
Description
7
SMPS control output
8
Supply voltage (VCC)
9
SMPS regulation input
10
Horizontal output
11
Super-sandcastle output
12
Horizontal flyback input
13
Horizontal saw-tooth generator
14
Current reference
15
SMPS soft-start and safety time constant
capacitor
16
φ2 phase comparator capacitor
(and horizontal phase adjustment)
17
VCO phase shift network
18
VCO output
19
VCO input
20
Frame sync time constant adjustment capacitor
21
Substrate Ground
22
φ1 phase comparator capacitor
23
VCR switching input
24
Video and 50/60Hz identification output (Mute)
25
Video identification capacitor
26
Horizontal sync detection capacitor
(50% of peak to peak sync level)
27
Video input
28
Safety input
Package : DIP28
TEA2028 - TEA2029 APPLICATION NOTE
4/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com