Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA2028 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TEA2028
Description  APPLICATION NOTE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2028 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TEA2028 Datasheet HTML 20Page - STMicroelectronics TEA2028 Datasheet HTML 21Page - STMicroelectronics TEA2028 Datasheet HTML 22Page - STMicroelectronics TEA2028 Datasheet HTML 23Page - STMicroelectronics TEA2028 Datasheet HTML 24Page - STMicroelectronics TEA2028 Datasheet HTML 25Page - STMicroelectronics TEA2028 Datasheet HTML 26Page - STMicroelectronics TEA2028 Datasheet HTML 27Page - STMicroelectronics TEA2028 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
0
i L
i K
VC
VL
t LF
E
VP
i C
End of
Trace
Begining of
Trace
if K remains
open
t3
t4
t1
t2
0
0
0
0
E
Figure 47
In practice, the power switch ”K” is built by a
combination of ”High Voltage Switching Transistor”
and ”Fast Recovery Diode”.
If considered in average value, it is seen that the
voltage across capacitor”CS” is almost equalto the
source voltage ”E”. The saw-tooth current through
this capacitor will produce a parabolicripple around
”E”, which will thus modify the equivalent source of
the line yoke and induce a modified current of ”S”
shape within the yoke. This ”S” current is used to
produce a linear picture as a function of the picture
tube geometry.
The basic arrangement can be reconstructed by
assuming that the equivalent inductor ”L” is the
transformer ”LP” and line yoke inductors put in
parallel (since VC S(AV) = E).
The output Pin 10 of TEA2028 is applied to a
matching stage called ”line driver” the output of
which drives the power transistor ”Tr”. The match-
ing stage is necessary for optimized base drive.
At middle of trace, the transistor enters into satura-
tion and its current rises linearly. V10 will then issue
a control signal to turn the transistor off. The tran-
sistor will be in fact turned-off after a delay interval
”tS” (storage time) varying from 2 to 8
µs depending
on application. The system will then enter into
oscillation during its half-period thereby generating
the line flyback. At the end of flyback time, the line
yoke current is negative while the voltage across
capacitor”C” has fallen to zero. The energy transfer
automatically takes place by the recovery diode
during the first portion of trace time.
Also, it is clear that the line scanning phase with
respect to video signal is determined by the rising-
edge of Pin 10 output signal.
10
12
Li ne Flyba ck
Input
L
R
Coup li ng
Ca pacitor
TDRIVER
+1 2V
Tr
ITr
I C
ID
D
VEHT (anode)
[15 to 25kV]
Miscellaneous Power Supplies
Line Flyback
(Pin 12, TEA2028B)
CC 5
VC(5)
IY
Line Yoke
EHT
TRANSFORMER
E
(regulated by SMPS)
L P
TEA2028B
Figure 48 : Simplified Diagram of the Horizontal Deflection Stage
TEA2028 - TEA2029 APPLICATION NOTE
24/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com