Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA2028 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TEA2028
Description  APPLICATION NOTE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2028 Datasheet(HTML) 3 Page - STMicroelectronics

  TEA2028 Datasheet HTML 1Page - STMicroelectronics TEA2028 Datasheet HTML 2Page - STMicroelectronics TEA2028 Datasheet HTML 3Page - STMicroelectronics TEA2028 Datasheet HTML 4Page - STMicroelectronics TEA2028 Datasheet HTML 5Page - STMicroelectronics TEA2028 Datasheet HTML 6Page - STMicroelectronics TEA2028 Datasheet HTML 7Page - STMicroelectronics TEA2028 Datasheet HTML 8Page - STMicroelectronics TEA2028 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
TEA2029
VII
TEA2029 : DIFFERENCES WITH TEA2028 . ... .... ... ... ... ... ... ... .... ...
37
VII.1
GENERAL . . . . . . . . . . . . . . . . . . . . . .... ... ... . . . .... ... ... . . . . . . . . . . . . ....
37
VII.2
PIN BY PIN DIFFERENCES . .... .. .... ... . . . . .. . . . . . . .... .. . . . . . . . . . . . . . .
37
VII.3
TEA2029C PIN CONNEXTIONS . . . . . . . . . . . . . .... ... .. . . . . ... ... ... .... ...
37
VII.4
FRAME PHASE MODULATOR. . . . . . ... ... ... .... ... ... ... ... ... ... .... ...
37
VII.5
FRAME BLANKING SAFETY . . . . . . . . . . . . . . . . .... ... ... ... ... ... ... .... ...
38
VII.6
ON-CHIP LINE FLIP-FLOP. . .... .. . . . . . . . . . . . ... .. . . . . . . . ... ... ... .... .. .
39
VII.7
AGC KEY PULSE . . . .... ... ... .. .... .... . . . . . . . . . . . .... .. . . . . . . . ... . . . .
40
VIII
APPLICATION INFORMATION ON FRAME SCANNING
IN SWITCHED MODE (TEA2029 ONLY) . . . . . . . .... ... ... ... ... ... ... .... ...
40
VIII.1
FUNDAMENTALS. . . .... ... ... .. .... ... . . . . .. . . . . . . .... .. . . . . . . . . . . . . . .
40
VIII.2
GENERAL DESCRIPTION . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ... ... ... .... .. .
40
VIII.3
TYPICAL FRAME MODULATOR AND FRAME OUTPUT WAVEFORMS . . . . .... ...
41
VIII.4
FRAME POWER STAGE WAVEFORMS . . . . . . . . . . . . . . . . .... .. . . . . . . . ... . . . .
42
VIII.5
FRAME FLYBACK . . . . . . . . . . . . . . . ... ... ... .... ... ... ... ... ... ... .... ...
43
VIII.6
FEED-BACK CIRCUIT . . . . . . . . . . . .... ... ... . . . . . . .... ... .. . . . . . . . . . . . . . .
43
VIII.6.1
Frame Power in Quasi-bridge Configuration . . . . . .... ... ... ... ... ... ... .... ...
43
VIII.6.1.1
Choice of ”R” value . . . . . . . . . . . . . ... ... ... .... ... ... ... ... ... ... .... ...
43
VIII.6.1.2
Influence of R3 value. . . . . .... .. . . . . . . . . . . . ... .. . . . . . . . ... ... ... .... .. .
43
VIII.6.1.3
”S” Correction circuit in quasi-bridge configuration . . . . . . . . . . . . . . . . . . . . .... ...
44
VIII.6.2
Frame Scanning in Switched Mode using Coupling Capacitor . . . . . . . . . . . . . .... ...
44
VIII.6.3
Frame Safety. . . . .... ... .. . . . . . . . ... ... ... .... ... ... ... ... ... ... .... ...
45
VIII.7
FRAME SCANNING IN CLASS B (WITH FLYBACK GENERATOR) . . . . . . . . .... .. .
45
VIII.7.1
Application Diagram . . . . . . . . . . . . . . . . . . . . . . . .... ... ... ... ... ... ... .... ...
45
IX
TEA2029 APPLICATION DIAGRAM COMPLETE APPLICATION WITH TEA2164 ...
46
I - GENERAL DESCRIPTION
As depicted in Figure 1, the TEA2028 combines 3
major functions of a TV set as follows :
- Horizontal (line) and vertical (frame) time base
generation for spot deviation. The video signal is
used for the synchronization of both time bases.
- On-chip switching power supply controller syn-
chronized on line frequency.
This integrated circuit has been implemented in
bipolar I
2L technology, and various functions are
digitally processed. In fact, resorting to logic func-
tions has the advantage of working with pure and
accurate signals while full benefit is drawn from
high integration of logic gates (approx. 110 gates
per mm
2).
The main objective is to drive all functions using an
accurate time base generated by a master 500kHz
oscillator.
Also, horizontal and vertical time bases, are ob-
tained by binary division of reference frequency.
This has the advantage of eliminating the 2 adjust-
ments which were necessary in former devices.
One section of this integrated circuit is designed to
drive a switching power supply of recent implemen-
tation called ”master-slave”. Switching takes place
on the primary side (i.e., directly on mains) of a
transformer. The device ensures SMPS Control,
Start-up and Protection functions. Control signals
go through a small pulse transformer thereby pro-
viding full isolation from mains supply.
This new approach fully eliminates the bulky mains
transformers used in the past. In addition, it offers
optimized power consumption and reduction of TV
cost-price.
TEA2028 - TEA2029 APPLICATION NOTE
3/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com