Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7699 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7699
Description  14-Bit, 8-Channel, 250 kSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7699 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7699 Datasheet HTML 7Page - Analog Devices AD7699 Datasheet HTML 8Page - Analog Devices AD7699 Datasheet HTML 9Page - Analog Devices AD7699 Datasheet HTML 10Page - Analog Devices AD7699 Datasheet HTML 11Page - Analog Devices AD7699 Datasheet HTML 12Page - Analog Devices AD7699 Datasheet HTML 13Page - Analog Devices AD7699 Datasheet HTML 14Page - Analog Devices AD7699 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD7949
Rev. A | Page 11 of 28
90
85
80
75
70
65
60
0
50
100
150
200
FREQUENCY (kHz)
VDD = VREF = 5V, –0.5dB
VDD = VREF = 5V, –10dB
VDD = VREF = 2.5V, –0.5dB
VDD = VREF = 2.5V, –10dB
Figure 11. SNR vs. Frequency
88
86
84
82
80
78
15.5
15.0
14.5
14.0
13.5
13.0
1.0
REFERENCE VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SNR
SINAD
ENOB
Figure 12. SNR, SINAD, and ENOB vs. Reference Voltage
90
85
80
75
70
65
60
–55
TEMPERATURE (°C)
–35
–15
5
25
45
65
85
105
125
fIN = 20kHz
VDD = VREF = 5V
VDD = VREF = 2.5V
Figure 13. SNR vs. Temperature
90
85
80
75
70
65
60
0
50
100
150
200
FREQUENCY (kHz)
VDD = VREF = 5V, –0.5dB
VDD = VREF = 5V, –10dB
VDD = VREF = 2.5V, –0.5dB
VDD = VREF = 2.5V, –10dB
Figure 14. SINAD vs. Frequency
130
125
120
115
110
105
100
95
90
85
80
75
70
1.0
–60
–65
–70
–75
–80
–85
–90
–95
–100
–105
–110
–115
–120
REFERENCE VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SFDR
THD
Figure 15. SFDR and THD vs. Reference Voltage
–90
–95
–100
–105
–110
–55
TEMPERATURE (°C)
–35
–15
5
25
45
65
85
105
125
fIN = 20kHz
VDD = VREF = 5V
VDD = VREF = 2.5V
Figure 16. THD vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com