Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7699 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7699
Description  14-Bit, 8-Channel, 250 kSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7699 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7699 Datasheet HTML 13Page - Analog Devices AD7699 Datasheet HTML 14Page - Analog Devices AD7699 Datasheet HTML 15Page - Analog Devices AD7699 Datasheet HTML 16Page - Analog Devices AD7699 Datasheet HTML 17Page - Analog Devices AD7699 Datasheet HTML 18Page - Analog Devices AD7699 Datasheet HTML 19Page - Analog Devices AD7699 Datasheet HTML 20Page - Analog Devices AD7699 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD7949
Rev. A | Page 17 of 28
Unipolar or Bipolar
Figure 25 shows an example of the recommended connection
diagram for the AD7949 when multiple supplies are available.
Bipolar Single Supply
Figure 26 shows an example of a system with a bipolar input
using single supplies with the internal reference (optional different
VIO supply). This circuit is also useful when the amplifier/signal
conditioning circuit is remotely located with some common mode
present. Note that for any input configuration, the inputs INx are
unipolar and always referenced to GND. R1, R2 and R1’, and
R2’ add common mode to the amplifier, A1, and COM,
respectively.
For this circuit, a rail-to-rail input/output amplifier can be used;
however, the offset voltage vs. input common-mode range
should be noted and taken into consideration (1 LSB = 76.3 μV
with VREF = 5 V). Note that the conversion results are in twos
complement format when using the bipolar input configuration.
Refer to the AN-581 Application Note for additional details
about using single-supply amplifiers.
ANALOG INPUTS
Input Structure
Figure 27 shows an equivalent circuit of the input structure of
the AD7949. The two diodes, D1 and D2, provide ESD
protection for the analog inputs, IN[7:0] and COM. Care must
be taken to ensure that the analog input signal does not exceed
the supply rails by more than 0.3 V because this causes the
diodes to become forward biased and to start conducting
current.
These diodes can handle a forward-biased current of 130 mA
maximum. For instance, these conditions may eventually occur
when the input buffer supplies are different from VDD. In such
a case, for example, an input buffer with a short circuit, the
current limitation can be used to protect the part.
CIN
RIN
D1
D2
CPIN
GND
VDD
INx+
OR INx–
OR COM
Figure 27. Equivalent Analog Input Circuit
This analog input structure allows the sampling of the true
differential signal between INx+ and COM or INx+ and INx−.
(COM or INx− = GND ± 0.1 V or VREF ± 0.1 V). By using these
differential inputs, signals common to both inputs are rejected,
as shown in Figure 28.
70
65
60
55
50
45
40
35
30
1
10k
10
100
1k
FREQUENCY (kHz)
Figure 28. Analog Input CMRR vs. Frequency
During the acquisition phase, the impedance of the analog
inputs can be modeled as a parallel combination of the
capacitor, CPIN, and the network formed by the series
connection of RIN and CIN. CPIN is primarily the pin capacitance.
RIN is typically 3.5 kΩ and is a lumped component made up of
serial resistors and the on resistance of the switches. CIN is
typically 27 pF and is mainly the ADC sampling capacitor.
Selectable Low Pass Filter
During the conversion phase, where the switches are opened,
the input impedance is limited to CPIN. While the AD7949 is
acquiring, RIN and CIN make a one-pole, low-pass filter that
reduces undesirable aliasing effects and limits the noise from
the driving circuitry. The low pass filter can be programmed for
the full bandwidth or ¼ of the bandwidth with CFG[6] as shown in
Table 9. Note that the converters throughout must also be
reduced by ¼ when using the filter. If the maximum throughput
is used with the BW set to ¼, the converter acquisition time,
tACQ, will be violated, resulting in increased THD.
Input Configurations
Figure 29 shows the different methods for configuring the analog
inputs with the configuration register (CFG[12:10]). Refer to
the Configuration Register, CFG, section for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com