Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7699 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7699
Description  14-Bit, 8-Channel, 250 kSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7699 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7699 Datasheet HTML 12Page - Analog Devices AD7699 Datasheet HTML 13Page - Analog Devices AD7699 Datasheet HTML 14Page - Analog Devices AD7699 Datasheet HTML 15Page - Analog Devices AD7699 Datasheet HTML 16Page - Analog Devices AD7699 Datasheet HTML 17Page - Analog Devices AD7699 Datasheet HTML 18Page - Analog Devices AD7699 Datasheet HTML 19Page - Analog Devices AD7699 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD7949
Rev. A | Page 16 of 28
TYPICAL CONNECTION DIAGRAMS
AD7949
REF
GND
VDD
VIO
DIN
MOSI
MISO
SS
SCK
SCK
SDO
CNV
100nF
100nF
5V
10µF2
V+
V–
1.8V TO VDD
0V TO VREF
0V TO VREF
V+
V–
ADA4841-x3
ADA4841-x3
IN0
INx
COM
REFIN
100nF
0V OR
VREF/2
1. INTERNAL REFERENCE SHOWN. SEE VOLTAGE REFERENCE OUTPUT/INPUT SECTION FOR
REFERENCE SELECTION.
NOTES:
2. CREF IS USUALLY A 10µF CERAMIC CAPACITOR (X5R).
3. SEE DRIVER AMPLIFIER CHOICE SECTION FOR ADDITIONAL RECOMMENDED AMPLIFIERS.
4. SEE THE DIGITAL INTERFACE SECTION FOR CONFIGURING AND READING CONVERSION DATA.
Figure 25. Typical Application Diagram with Multiple Supplies
AD7949
REF
GND
VDD
VIO
DIN
MOSI
MISO
SS
SCK
SCK
SDO
CNV
100nF
100nF
5V
10µF2
V+
1.8V TO VDD
V+
IN0
INx
COM
REFIN
100nF
VREF/2
VREF p-p
ADA4841-x3
ADA4841-x3
NOTES:
1. INTERNAL REFERENCE SHOWN. SEE VOLTAGE REFERENCE OUTPUT/INPUT SECTION FOR
REFERENCE SELECTION.
2. CREF IS USUALLY A 10µF CERAMIC CAPACITOR (X5R).
3. SEE DRIVER AMPLIFIER CHOICE SECTION FOR ADDITIONAL RECOMMENDED AMPLIFIERS.
4. SEE THE DIGITAL INTERFACE SECTION FOR CONFIGURING AND READING CONVERSION DATA.
Figure 26. Typical Bipolar Application Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com