Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7699 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7699
Description  14-Bit, 8-Channel, 250 kSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7699 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7699 Datasheet HTML 16Page - Analog Devices AD7699 Datasheet HTML 17Page - Analog Devices AD7699 Datasheet HTML 18Page - Analog Devices AD7699 Datasheet HTML 19Page - Analog Devices AD7699 Datasheet HTML 20Page - Analog Devices AD7699 Datasheet HTML 21Page - Analog Devices AD7699 Datasheet HTML 22Page - Analog Devices AD7699 Datasheet HTML 23Page - Analog Devices AD7699 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD7949
Rev. A | Page 20 of 28
POWER SUPPLY
The AD7949 uses three power supply pins: two core supplies
(VDD) and a digital input/output interface supply (VIO). VIO
allows direct interface with any logic between 1.8 V and VDD.
To reduce the supplies needed, the VIO and VDD pins can be
tied together. The AD7949 is independent of power supply
sequencing between VIO and VDD. The only restriction is that
CNV must be low during power up. Additionally, it is very
insensitive to power supply variations over a wide frequency
range, as shown in Figure 30.
75
70
65
60
55
50
45
40
35
30
1
10k
10
100
1k
FREQUENCY (kHz)
Figure 30. PSRR vs. Frequency
The AD7949 powers down automatically at the end of each
conversion phase; therefore, the operating currents and power
scale linearly with the sampling rate. This makes the part ideal
for low sampling rates (even of a few hertz) and low battery-
powered applications.
10000
1000
100
10
1
0.1
0.010
0.001
10
1M
100
1k
10k
100k
SAMPLING RATE (sps)
VDD = 5V, INTERNAL REF
VDD = 5V, EXTERNAL REF
VDD = 2.5V, EXTERNAL REF
VIO
Figure 31. Operating Currents vs. Sampling Rate
SUPPLYING THE ADC FROM THE REFERENCE
For simplified applications, the AD7949, with its low operating
current, can be supplied directly using the reference circuit as
shown in Figure 32. The reference line can be driven by
•
The system power supply directly
•
A reference voltage with enough current output capability,
such as the ADR43x/ADR44x
•
A reference buffer, such as the AD8605, which can also
filter the system power supply, as shown in Figure 32
AD8605
AD7949
VIO
REF
VDD
10µF
1µF
0.1µF
10Ω
10kΩ
5V
5V
5V
1µF
1
1OPTIONAL REFERENCE BUFFER AND FILTER.
0.1µF
Figure 32. Example of an Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com