Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2144MDWREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2144MDWREP
Description  Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2144MDWREP Datasheet(HTML) 5 Page - Texas Instruments

  TLE2144MDWREP Datasheet HTML 1Page - Texas Instruments TLE2144MDWREP Datasheet HTML 2Page - Texas Instruments TLE2144MDWREP Datasheet HTML 3Page - Texas Instruments TLE2144MDWREP Datasheet HTML 4Page - Texas Instruments TLE2144MDWREP Datasheet HTML 5Page - Texas Instruments TLE2144MDWREP Datasheet HTML 6Page - Texas Instruments TLE2144MDWREP Datasheet HTML 7Page - Texas Instruments TLE2144MDWREP Datasheet HTML 8Page - Texas Instruments TLE2144MDWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
34830
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions VCC = 3.0V to 5.5V, TA = -40°C to 85°C, RFREQ = 9.0kΩ, CIN = 0.1μF, RL = 150Ω, CL
= 5.0pF. Typical values are at TA = 27°C, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Input Voltage Range (inferred from gain)
VCC = 3V TO 3.4V
VCC = 3.4V TO 5.5V
VINP
VINPCLAMP
VINPCLAMP
-
-
(VCC-1)/2
1.2
V
Input Clamping Level(4)
VINPCLAMP
-50
0
+50
mV
Output Clamping Level(5)
VOUTCLAMP
400
500
600
mV
Frequency Set Resistor Range
RFREQ
9.0
-
108
k
Ω
Supply Current measured with no load
RFREQ = 108kΩ
RFREQ = 9kΩ
ICC
-
-
4.5
17
8
23
mA
Supply Current in Shutdown Mode (EN = 0.0V)
ICCSHUTDOWN
-
0.12
5.0
μA
Output Short-circuit Current (Output shorted to VCC or ground for <1s)
ISC
-
100
-
mA
Input Leakage Current (VINP = 1.0V)
IINP
-
2.0
5.0
μA
Line-Time Distortion (100 IRE, 18
μs)
HDIST
-
0.1
0.2
%
Field-Time Distortion (100 IRE, 18
μs, field lines)
VDIST
-
0.2
0.4
%
Logic Low Input Voltage
VIL
-
-
0.3(VCC)
V
Logic High Input Voltage
VIH
0.7(VCC)
-
-
V
Logic Level Input Current (source and sink)
IILH
-
-
|1.0|
μA
Notes
4.
Referenced to input. Input clamp not active for signals C, Pb, Pr, U, and V.
5.
Establishes output sync level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com