Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSP5070FN Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSP5070FN
Description  PROGRAMMABLE CODEC/FILTER COMBO 2ND GENERATION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSP5070FN Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSP5070FN Datasheet HTML 9Page - STMicroelectronics TSP5070FN Datasheet HTML 10Page - STMicroelectronics TSP5070FN Datasheet HTML 11Page - STMicroelectronics TSP5070FN Datasheet HTML 12Page - STMicroelectronics TSP5070FN Datasheet HTML 13Page - STMicroelectronics TSP5070FN Datasheet HTML 14Page - STMicroelectronics TSP5070FN Datasheet HTML 15Page - STMicroelectronics TSP5070FN Datasheet HTML 16Page - STMicroelectronics TSP5070FN Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Figure 1 shows a simplified diagram of the local
echo path for a typical application with a trans-
former interface. The magnitude and phase of the
local echo signal, measured at VFXI, are a function
of the termination impedance ZT, the line trans-
former and the impedanceof the 2 W loop, ZL. If the
impedance reflected back into the transformer pri-
mary is expressed as ZL’ then the echo path trans-
fer function from VFROto VFXIis :
H(W) = ZL’ /(ZT +ZL’)
(1)
Figure 1: Simplified Diagram of Hybrid Balance Circuit
PROGRAMMING THE FILTER
On initial power-up the Hybrid Balance filter is dis-
abled. Before the hybrid balance filter can be pro-
grammed it is necessary to design the transformer
and terminationimpedance in orderto meet system
2 W input return loss specifications, which are nor-
mally measured against a fixed test impedance
(600 or 900
Ω in most countries). Only then can the
echo path be modeled and the hybrid balance filter
programmed. Hybrid balancing is also measured
against a fixed test impedance, specified by each
national Telecom administration to provide ade-
quate control of talker and listener echo over the
majority of their network connections. This test im-
pedance is ZL in figure 1. The echo signal and the
degree of transhybrid loss obtained by the pro-
grammable filter must be measured from the PCM
digital input DR0, to the PCM digital output DX0,
either by digital test signal analysis or by conversion
back to analog by a PCM CODEC/Filter.
Three registers must be programmed in COMBO
IIG to fully configure the Hybrid Balance Filter as
follows :
Register 1: select/de-select Hybrid Balance Filter;
invert/non-invert cancellation signal;
select/de-select Hybal2 filter section;
attenuatorsetting.
Register 2: select/de-select Hybal1 filter;
set Hybal1 to Bi-Quad or 1st order;
program pole and zero frequency.
Register 3 : program pole frequency in Hybal2 filter;
program zero frequencyin Hybal2 filter;
settings = Please refer to software
TS5077-2.
Standard filter design techniques may be used to
model the echo path (see equation (1)) and design
a matching hybrid balance filter configuration.Alter-
natively, the frequency response of the echo path
can be measured and the hybrid balance filter pro-
grammed to replicate it.
An Hybrid Balance filter design guide and soft-
ware optimization program are available under li-
cense from SGS-THOMSON Microelectronics (or-
der TS5077-2).
Bit Number
Function
7
6
54
3
210
0
0
0
0
0
0
0
0
By Pass Hybal 1
Filter
XXXXXX
X
X
Pole/zero Setting
Table 10: Hybrid Balance Register 2 Byte 2 in-
structions
TS5070 - TS5071
13/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com