Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSP5070FN Datasheet(PDF) 23 Page - STMicroelectronics

Part # TSP5070FN
Description  PROGRAMMABLE CODEC/FILTER COMBO 2ND GENERATION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSP5070FN Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TSP5070FN Datasheet HTML 19Page - STMicroelectronics TSP5070FN Datasheet HTML 20Page - STMicroelectronics TSP5070FN Datasheet HTML 21Page - STMicroelectronics TSP5070FN Datasheet HTML 22Page - STMicroelectronics TSP5070FN Datasheet HTML 23Page - STMicroelectronics TSP5070FN Datasheet HTML 24Page - STMicroelectronics TSP5070FN Datasheet HTML 25Page - STMicroelectronics TSP5070FN Datasheet HTML 26Page - STMicroelectronics TSP5070FN Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
AMPLITUDE RESPONSE (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit
GXAF
Transmit Gain Variation with Frequency
Relative to 1031.25 Hz (note 2)
-19 dBm < o dBm0 < 6.4 dBm
DR0 (or DR1) = 0 dBm0 Code
f = 60Hz
f = 200 Hz
f = 300 Hz to 3000 Hz
f = 3400 Hz
f = 4000 Hz
f > 4600 Hz Measure Response at Alias Frequency from 0 kHz to 4 kHz
0 dBm0 = 6.4 dBm
VFXI = -4 dBm0 (note2)
f = 62.5 Hz
f = 203.125 Hz
f = 2093.750 Hz
f = 2984.375 Hz
f = 3296.875 Hz
f = 3406.250 Hz
f = 3984.375 Hz
f = 5250 Hz, Measure 2750 Hz
f = 11750Hz, Measure 3750 Hz
f = 49750 Hz, Measure 1750 Hz
-1.8
-0.15
-0.7
-1.7
-0.15
-0.15
-0.15
-0.74
-26
-0.1
0.15
0
-14
-32
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
GXAT
Transmit Gain Variation with Temperature
Measured Relative to GXA, VCC = 5V, VSS= -5V -19dBm < 0dBm < 6.4dBm
-0.1
0.1
dB
GXAV
Transmit Gain Variation with Supp ly
VCC =5V
± 5%, VSS = -5V ± 5%
Measured Relative to GXA
TA =25
°C, o dBm0 = 6.4dBm
-0.05
0.05
dB
GXAL
Transmit Gain Variation with Signal Level
Sinusoidal Test Method, Reference Level = 0 dBm0
VFXI = -40 dBm0 to + 3 dBm0
VFXI = -50 dBm0 to -40 dBm0
VFXI = -55 dBm0 to -50 dBm0
-0.2
-0.4
-1.2
0.2
0.4
1.2
dB
dB
dB
GRA
Receive Gain Absolute Accuracy
0 dBm0 = 8.1 dBm, A-law
Apply 0 dBm0 PCM Code to DR0or DR1 Measure VFRO, f =1015.625Hz
TA =25
°C, VCC =5V, VSS = -5V
-0.15
0.15
dB
GRAG
Receive Gain Variation with Programmed Gain
Programmed level from
-10.9dBm
≤ 0dBm ≤ 8.1dBm
Programmed level from
-17.3dBm
≤ 0dBm ≤ -11dBm
Note:
±0.1dB min/max is available as a selected part
Calculate the Deviation from the Programmed Gain Relative to GRA
I.e. GRAG = Gactual - Gprog - GRA TA =25
°C, VCC = 5V, VSS = -5V
-0.1
-0.3
0.1
0.3
dB
dB
-24.9
-0.1
0.15
0.15
0.15
0
-13.5
-32
-32
-32
TS5070 - TS5071
23/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com