Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSP5070FN Datasheet(PDF) 19 Page - STMicroelectronics

Part # TSP5070FN
Description  PROGRAMMABLE CODEC/FILTER COMBO 2ND GENERATION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSP5070FN Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TSP5070FN Datasheet HTML 15Page - STMicroelectronics TSP5070FN Datasheet HTML 16Page - STMicroelectronics TSP5070FN Datasheet HTML 17Page - STMicroelectronics TSP5070FN Datasheet HTML 18Page - STMicroelectronics TSP5070FN Datasheet HTML 19Page - STMicroelectronics TSP5070FN Datasheet HTML 20Page - STMicroelectronics TSP5070FN Datasheet HTML 21Page - STMicroelectronics TSP5070FN Datasheet HTML 22Page - STMicroelectronics TSP5070FN Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
TIMING SPECIFICATIONS (continued)
PCM INTERFACE TIMING
Symbol
Parameter
Min.
Typ.
Max.
Unit
fBCLK
Frequency of BCLK (may vary from 64KHz to 4.096MHz in 8KHz
increments, TS5070 only)
64
4096
kHz
tWBH
Period of BCLK High (measured from VIH to VIH)
80
ns
tWBL
Period of BCLK Low (measured from VIL to VIL)
80
ns
tRB
Rise Time of BCLK (measured from VIL to VIH)30
ns
tFB
Fall Time of BCLK (measured from VIH to VIL)30
ns
tHBF
Hold Time, BCLK Low to FSX/R High or Low
30
ns
tSFB
Setup Time FSX/R High to BCLK Low
30
ns
tDBD
Delay Time, BCLK High to Data Valid (load = 100pF plus 2 LSTTL
loads)
80
ns
tDBZ
Delay Time from BCLK8 Low to Dx Disabled (if FSx already low);
FSx Low to Dx Disabled (if BCLK8 low);
BCLK9 High to Dx Disabled (if FSx still high)
15
80
ns
tDBT
Delay Time from BCLK and FSx Both High to TSx Low (Load = 100pF
plus 2 LSTTL loads)
60
ns
tZBT
Delay Time from BCLK8 low to TSx Disabled (if FSx already low);
FSx Low to TSx Disabled
(if BCLK8 low);
BCLK9 High to TSx Disabled
(if FSx still high);
15
60
ns
tDFD
Delay Time, FSx High to Data Valid (load = 100pF plus 2 LSTTL
loads, applies if FSx rises later than BCLK rising edge in non-
delayed data mode only)
80
ns
tSDB
Setup Time, DR 0/1 Valid to BCLK Low
30
ns
tHBD
Hold Time, BCLK Low to DR0/1 Invalid
20
ns
Figure 5: Non Delayed Data Timing (short frame mode)
TS5070 - TS5071
19/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com