Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSP5070FN Datasheet(PDF) 17 Page - STMicroelectronics

Part # TSP5070FN
Description  PROGRAMMABLE CODEC/FILTER COMBO 2ND GENERATION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSP5070FN Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TSP5070FN Datasheet HTML 13Page - STMicroelectronics TSP5070FN Datasheet HTML 14Page - STMicroelectronics TSP5070FN Datasheet HTML 15Page - STMicroelectronics TSP5070FN Datasheet HTML 16Page - STMicroelectronics TSP5070FN Datasheet HTML 17Page - STMicroelectronics TSP5070FN Datasheet HTML 18Page - STMicroelectronics TSP5070FN Datasheet HTML 19Page - STMicroelectronics TSP5070FN Datasheet HTML 20Page - STMicroelectronics TSP5070FN Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
ELECTRICAL OPERATING CHARACTERISTICS
Unless otherwise noted, limits in BOLD characters
are guaranteed for VCC =+ 5 V
± 5% ; VSS =– 5
V
± 5%. TA = -40 °Cto85 °C by correlation with
100% electrical testing at TA =25
°C. All other limits
are assured by correlation with other production
tests and/or product design and characterisation.
All signals referenced to GND. Typicals specified at
VCC = + 5 V, VSS =
− 5V, TA =25 °C.
DIGITAL INTERFACE
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIL
Input Low Voltage All Digital Inputs (DC measurement)
0.7
V
VIH
Input High Voltage All Digital Inputs (DC measurement)
2.0
V
VOL
Output Low Voltage
DX0 and DX1, TSX0, TSX1 and CO, IL = 3.2mA
All Other Digital Outputs, IL = 1mA
0.4
V
VOH
Output High Voltage DX0 and DX1 and CO, IL = -3.2mA
All other digital outputs except TSX,IL = -1mA
All Digital Outputs, IL = -100
µA
2.4
VCC-0.5
V
V
IIL
Input Low Current all Digital Inputs (GND < VIN <VIL)
-10
10
µA
IIH
Input High Current all Digital Inputs Except MR (VIH <VIN <VCC)
-10
10
µA
IIH
Input High Current on MR
-10
100
µA
IOZ
Output Current in High Impedance State (TRI-STATE)
DX0 and DX1, CO and CI/O (as an input) IL5-IL0 as inputs
(GND < VO <VCC)
-10
10
µA
ANALOG INTERFACE
Symbol
Parameter
Min.
Typ.
Max.
Unit
IVFXI
Input Current VFXI (-3.3V < VFXI < 3.3V)
-10
10
µA
RVFXI
Input Resistance VFXI (-3.3V < VFXI < 3.3V)
390
620
k
Ω
VOSX
Input offset voltage at VFXI
0dBm0 = -19dBm
0dBm0 = +6.4dBm
10
200
mV
mV
RLVFRO
Load Resistance at VFRO
0dBm0 = 8.1dBm
0dBm0 = 7.6dBm
0dBm0 = 6.9dBm
15
600
300
k
Ω
Ω
Ω
CLVFRO
Load Capacitance CLVFRO from VFRO to GND
200
pF
ROVFRO
Output Resistance VFRO (steady zero PCM code applied to DR0 or
DR1)
13
Ω
VOSR
Output Offset Voltage at VFRO (alternating
±zero PCM code applied
to DR0or DR1, 0dBm0 = 8.1dBm)
-200
200
mV
TS5070 - TS5071
17/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com