Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68230 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TS68230
Description  HMOS PARALLEL INTERFACE/TIMER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68230 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TS68230 Datasheet HTML 14Page - STMicroelectronics TS68230 Datasheet HTML 15Page - STMicroelectronics TS68230 Datasheet HTML 16Page - STMicroelectronics TS68230 Datasheet HTML 17Page - STMicroelectronics TS68230 Datasheet HTML 18Page - STMicroelectronics TS68230 Datasheet HTML 19Page - STMicroelectronics TS68230 Datasheet HTML 20Page - STMicroelectronics TS68230 Datasheet HTML 21Page - STMicroelectronics TS68230 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 61 page
background image
PORT MODES
This section contains information that distinguishes
the various port modes and submodes. General
characteristics common to all modes are defined in
Section 2 Port General Information and Conven-
tions. A description of the port A control register
(PACR) and port B control register (PBCR) is given
before each mode description. After each submode
description, the programmable options are listed for
that submode.
3.1. PORT A CONTROL REGISTER (PACR)
The port A control register, in conjunction with the
programmed mode and the port B submode,
controls the operation of port A and the handshake
pins H1 and H2. The port A control register contains
five fields : bits 7 and 6 specify the port A submode ;
bits 5, 4, and 3 control the operation of the H2 hand-
shake pin and the H2S status bit ; bit 2 determines
whether an interrupt will be generated when the H2S
status bit goes to one ; and bit 1 determines whether
a service request (interrupt request or DMA request)
will occur ; bit 0 controls the operation of the H1S sta-
tus bit. The PACR is always readable and writable.
All bits are cleared to zero when the RESET pin is
asserted. When the port A submode field is relevant
in a mode/submode definition, it must not be altered
unless the H12 enable bit in the port general control
register is clear (see table 1.3 located at the end of
this document). Altering these bits will give unpre-
dictable results.
3.2. PORT B CONTROL REGISTER (PBCR)
The port B control register specifies the operation of
port B and the handshake pins H3 and H4. The port
B control register contains five fields : bits 7 and 6
specify the port B submode ; bits 5, 4, and 3 control
the operation of the H4 handshake pin and H4S sta-
tus bit ; bit 2 determines whether an interrupt will be
generated when the H4S status bit goes to a one ;
bit 1 determines whether a service request (interrupt
request or DMA request) will occur ; and bit 0
controls the operation of the H3S status bit. The
PBCR is always readable and writable. There is ne-
ver a consequence to reading the register.
All bits are cleared to zero when the RESET pin is
asserted. When the port B submode field is relevant
in a mode/submode definition, it must not be altered
unless the H34 enable bit in the port general control
register is clear (see table 1.3 located at the end of
this document).
3.3. MODE 0 - UNIDIRECTIONAL 8-BIT MODE
In mode 0, ports A and B operate independently.
Each may be configured in any of its three possible
submodes :
Submode 00 - Pin-Definable Double-Buffered In-
put or Single-Buffered Output
Submode 01 - Pin-Definable Double-Buffered
Output or Non-Latched Input
Submode 1X - Bit I/O (Pin-Definable Single-Buf-
fered Output or Non-Latched Input)
Handshake pins H1 and H2 are associated with port
A and configured by programming the port A control
register. (The H12 enable bit of the port general
control register enables port A transfers). Hand-
shake pins H3 and H4 are associated with port B
and configured by programming the port B control
register. (The H34 enable bit of the port general
control register enables port B transfers). The port
A and B data direction registers operate in all three
submodes. Along with the submode, they affect the
data read and write at the associated data register
according to table 3.1. They also enable the output
buffer associated with each port pin. The DMAREQ
pin may be associated with either (not both) port A
or port B, but does not function if the bit I/O submode
(submode 1X) is programmed for the chosen port.
7
6543
2
1
0
Port A
Submode
H2 Control
H2
Interrupt
Enable
H1
SVCRQ
Enable
H1
Status
Control
7
6543
2
1
0
Port B
Submode
H4 Control
H4
Interrupt
Enable
H3
SVCRQ
Enable
H3
Status
Control
SECTION 3
TS68230
18/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com