Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX412ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX412ESA
Description  Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX412ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX412ESA Datasheet HTML 3Page - Maxim Integrated Products MAX412ESA Datasheet HTML 4Page - Maxim Integrated Products MAX412ESA Datasheet HTML 5Page - Maxim Integrated Products MAX412ESA Datasheet HTML 6Page - Maxim Integrated Products MAX412ESA Datasheet HTML 7Page - Maxim Integrated Products MAX412ESA Datasheet HTML 8Page - Maxim Integrated Products MAX412ESA Datasheet HTML 9Page - Maxim Integrated Products MAX412ESA Datasheet HTML 10Page - Maxim Integrated Products MAX412ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Applications Information
The MAX410/MAX412/MAX414 provide low voltage-
noise performance. Obtaining low voltage noise from a
bipolar op amp requires high collector currents in the
input stage, since voltage noise is inversely proportion-
al to the square root of the input stage collector current.
However, op amp current noise is proportional to the
square root of the input stage collector current, and the
input bias current is proportional to the input stage col-
lector current. Therefore, to obtain optimum low-noise
performance, DC accuracy, and AC stability, minimize
the value of the feedback and source resistance.
Total Noise Density vs. Source Resistance
The standard expression for the total input-referred
noise of an op amp at a given frequency is:
where:
Rn = Inverting input effective series resistance
Rp = Noninverting input effective series resistance
en = Input voltage-noise density at the frequency of
interest
in = Input current-noise density at the frequency of
interest
T = Ambient temperature in Kelvin (K)
k = 1.28 x 10-23 J/K (Boltzman’s constant)
In Figure 1, Rp = R3 and Rn = R1 || R2. In a real appli-
cation, the output resistance of the source driving the
input must be included with Rp and Rn. The following
example demonstrates how to calculate the total out-
put-noise density at a frequency of 1kHz for the
MAX412 circuit in Figure 1.
Gain = 1000
4kT at +25°C = 1.64 x 10-20
Rp = 100Ω
Rn = 100Ω || 100kΩ = 99.9 W
en = 1.5nV/√Hz at 1kHz
in = 1.2pA/√Hz at 1kHz
et = [(1.5 x 10-9)2 + (100 + 99.9)2 (1.2 x 10-12)2 + (1.64
x 10-20) (100 + 99.9)]1/2 = 2.36nV/
√Hz at 1kHz
Output noise density = (100)et = 2.36µV/√Hz at 1kHz.
In general, the amplifier’s voltage noise dominates with
equivalent source resistances less than 200
Ω. As the
equivalent source resistance increases, resistor noise
becomes the dominant term, eventually making the
voltage noise contribution from the MAX410/MAX412/
MAX414 negligible. As the source resistance is further
increased, current noise becomes dominant. For exam-
ple, when the equivalent source resistance is greater
than 3k
Ω at 1kHz, the current noise component is larg-
er than the resistor noise. The graph of Total Noise
Density vs. Matched Source Resistance in the
Typical
Operating Characteristics shows this phenomenon.
Optimal MAX410/MAX412/MAX414 noise performance
and minimal total noise achieved with an equivalent
source resistance of less than 10k
Ω.
Voltage Noise Testing
RMS voltage-noise density is measured with the circuit
shown in Figure 2, using the Quan Tech model 5173
noise analyzer, or equivalent. The voltage-noise density
at 1kHz is sample tested on production units. When
measuring op-amp voltage noise, only low-value, metal
film resistors are used in the test fixture.
The 0.1Hz to 10Hz peak-to-peak noise of the
MAX410/MAX412/MAX414 is measured using the test
ee
i
tn
p
n
n
p
n
2
2
2
+(R +R )
+ 4kT (R +R )
=
Single/Dual/Quad, 28MHz, Low-Noise,
Low-Voltage, Precision Op Amps
_______________________________________________________________________________________
7
Figure 1. Total Noise vs. Source Resistance Example
R1
100
Ω
R2
100k
Ω
+5V
0.1
μF
R3
100
Ω
D.U.T
0.1
μF
-5V
et
MAX410
MAX412
MAX414
Figure 2. Voltage-Noise Density Test Circuit
D.U.T
en
MAX410
MAX412
MAX414
3
Ω
27
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com