Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX412ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX412ESA
Description  Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX412ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX412ESA Datasheet HTML 1Page - Maxim Integrated Products MAX412ESA Datasheet HTML 2Page - Maxim Integrated Products MAX412ESA Datasheet HTML 3Page - Maxim Integrated Products MAX412ESA Datasheet HTML 4Page - Maxim Integrated Products MAX412ESA Datasheet HTML 5Page - Maxim Integrated Products MAX412ESA Datasheet HTML 6Page - Maxim Integrated Products MAX412ESA Datasheet HTML 7Page - Maxim Integrated Products MAX412ESA Datasheet HTML 8Page - Maxim Integrated Products MAX412ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Single/Dual/Quad, 28MHz, Low-Noise,
Low-Voltage, Precision Op Amps
_______________________________________________________________________________________
3
Note 2: Guaranteed by design.
Note 3: All TDFN devices are 100% tested at TA = +25°C. Limits over temperature for thin TDFNs are guaranteed by design.
ELECTRICAL CHARACTERISTICS
(V+ = 5V, V- = -5V, TA = 0°C to +70°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Offset Voltage
VOS
±150
±350
µV
Offset Voltage Tempco
ΔVOS/ΔT
Over operating temperature range
±1
µV/°C
Input Bias Current
IB
±100
±200
nA
Input Offset Current
IOS
±80
±150
nA
Common-Mode Input Voltage
VCM
±3.5
+3.7/
-3.8
V
Common-Mode Rejection Ratio
CMRR
VCM = ±3.5V
105
121
dB
Power-Supply Rejection Ratio
PSRR
VS = ±2.4V to ±5.25V
90
97
dB
RL = 2k
Ω, VO = ±3.6V
110
120
Large-Signal Gain
AVOL
RL = 600
Ω, VO = ±3.5V
90
119
dB
Output Voltage Swing
VOUT
RL = 2k
Ω
±3.5
+3.7/
-3.6
V
Supply Current
IS
Per amplifier
3.3
mA
ELECTRICAL CHARACTERISTICS
(V+ = 5V, V- = -5V, TA = -40°C to +85°C, unless otherwise noted.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX410, MAX410B, MAX412, MAX412B
±200
±400
Input Offset Voltage
VOS
MAX414, MAX414B
±200
±450
µV
Offset Voltage Tempco
ΔVOS/ΔT
Over operating temperature range
±1
µV/°C
Input Bias Current
IB
±130
±350
nA
Input Offset Current
IOS
±100
±200
nA
Common-Mode Input Voltage
VCM
±3.5
+3.7/
-3.6
V
Common-Mode Rejection Ratio
CMRR
VCM = ±3.5V
105
120
dB
Power-Supply Rejection Ratio
PSRR
VS = ±2.4V to ±5.25V
90
94
dB
RL = 2k
Ω, VO = ±3.6V
110
118
Large-Signal Gain
AVOL
RL = 600
Ω, VO = +3.4V to -3.5V
90
114
dB
Output Voltage Swing
VOUT
RL = 2k
Ω
±3.5
+3.7/
-3.6
V
Supply Current
IS
Per amplifier
3.3
mA
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 5V, V- = -5V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply-Voltage Range
VS
±2.4
±5.25
V
Supply Current
IS
Per amplifier
2.5
2.7
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com