Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX412ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX412ESA
Description  Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX412ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX412ESA Datasheet HTML 1Page - Maxim Integrated Products MAX412ESA Datasheet HTML 2Page - Maxim Integrated Products MAX412ESA Datasheet HTML 3Page - Maxim Integrated Products MAX412ESA Datasheet HTML 4Page - Maxim Integrated Products MAX412ESA Datasheet HTML 5Page - Maxim Integrated Products MAX412ESA Datasheet HTML 6Page - Maxim Integrated Products MAX412ESA Datasheet HTML 7Page - Maxim Integrated Products MAX412ESA Datasheet HTML 8Page - Maxim Integrated Products MAX412ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX410/MAX412/MAX414 single/dual/quad op
amps set a new standard for noise performance in
high-speed, low-voltage systems. Input voltage-noise
density is guaranteed to be less than 2.4nV/
√Hz at
1kHz. A unique design not only combines low noise
with ±5V operation, but also consumes 2.5mA supply
current per amplifier. Low-voltage operation is guaran-
teed with an output voltage swing of 7.3VP-P into 2kΩ
from ±5V supplies. The MAX410/MAX412/MAX414 also
operate from supply voltages between ±2.4V and ±5V
for greater supply flexibility.
Unity-gain stability, 28MHz bandwidth, and 4.5V/µs
slew rate ensure low-noise performance in a wide vari-
ety of wideband and measurement applications. The
MAX410/MAX412/MAX414 are available in DIP and SO
packages in the industry-standard single/dual/quad op
amp pin configurations. The single comes in an ultra-
small TDFN package (3mm ✕ 3mm).
Applications
Low-Noise Frequency Synthesizers
Infrared Detectors
High-Quality Audio Amplifiers
Ultra Low-Noise Instrumentation Amplifiers
Bridge Signal Conditioning
Features
♦ Voltage Noise: 2.4nV/√Hz (max) at 1kHz
♦ 2.5mA Supply Current Per Amplifier
♦ Low Supply Voltage Operation: ±2.4V to ±5V
♦ 28MHz Unity-Gain Bandwidth
♦ 4.5V/µs Slew Rate
♦ 250µV (max) Offset Voltage (MAX410/MAX412)
♦ 115dB (min) Voltage Gain
♦ Available in an Ultra-Small TDFN Package
Single/Dual/Quad, 28MHz, Low-Noise,
Low-Voltage, Precision Op Amps
________________________________________________________________
Maxim Integrated Products
1
OUT
N.C.
V-
1
2
8
7
NULL
V+
IN-
IN+
NULL
DIP/SO/TDFN
TOP VIEW
3
4
6
5
IN2-
IN2+
V-
1
2
8
7
V+
OUT2
IN1-
IN1+
OUT1
DIP/SO
3
4
6
5
MAX412
MAX410
Pin Configurations
+IN
-IN
42.2k
Ω**
1%
2
3
200
Ω
1%
1
200
Ω
1%
1k
Ω*
6
5
7
OUT
42.2k
Ω
1%
1/2 MAX412
1/2 MAX412
*TRIM FOR GAIN.
**TRIM FOR COMMON-MODE REJECTION.
LOW-NOISE INSTRUMENTATION AMPLIFIER
Typical Operating Circuit
19-4194; Rev 5; 10/08
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX410CPA
0°C to +70°C
8 Plastic DIP
MAX410BCPA
0°C to +70°C
8 Plastic DIP
MAX410CSA
0°C to +70°C
8 SO
MAX410BCSA
0°C to +70°C
8 SO
MAX410EPA
-40°C to +85°C
8 Plastic DIP
MAX410BEPA
-40°C to +85°C
8 Plastic DIP
MAX410ESA
-40°C to +85°C
8 SO
MAX410BESA
-40°C to +85°C
8 SO
MAX410ETA
-40°C to +85°C
8 TDFN-EP*
MAX410MSA/PR
-55°C to +125°C
8 SO**
MAX410MSA/PR-T
-55°C to +125°C
8 SO**
*
EP—Exposed paddle. Top Mark—AGQ.
**
Contact factory for availability.
Ordering Information continued at end of data sheet.
Pin Configurations continued at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim's website at www.maxim-ic.com.


Similar Part No. - MAX412ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX412ESA MAXIM-MAX412ESA Datasheet
461Kb / 12P
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
19-4194; Rev 2; 11/96
More results

Similar Description - MAX412ESA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1213 LINER-LT1213 Datasheet
394Kb / 16P
28MHz, 12V/us, Single Supply Dual and Quad Precision Op Amps
logo
Maxim Integrated Produc...
MAX410 MAXIM-MAX410 Datasheet
461Kb / 12P
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
19-4194; Rev 2; 11/96
logo
Linear Technology
LT1722 LINER-LT1722 Datasheet
326Kb / 16P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
logo
Linear Integrated Syste...
LT1213 LINEAR-LT1213_1 Datasheet
391Kb / 20P
28MHz, 12V/ms, Single Supply Dual and Quad Precision Op Amps
logo
Linear Technology
LT1722 LINER-LT1722_15 Datasheet
304Kb / 18P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1723 LINER-LT1723_15 Datasheet
304Kb / 18P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1724 LINER-LT1724_15 Datasheet
304Kb / 18P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1213 LINER-LT1213_15 Datasheet
397Kb / 20P
28MHz, 12V/s, Single Supply Dual and Quad Precision Op Amps
LT1214 LINER-LT1214_15 Datasheet
397Kb / 20P
28MHz, 12V/s, Single Supply Dual and Quad Precision Op Amps
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241_V01 Datasheet
875Kb / 13P
36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com