Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX412ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX412ESA
Description  Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX412ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX412ESA Datasheet HTML 2Page - Maxim Integrated Products MAX412ESA Datasheet HTML 3Page - Maxim Integrated Products MAX412ESA Datasheet HTML 4Page - Maxim Integrated Products MAX412ESA Datasheet HTML 5Page - Maxim Integrated Products MAX412ESA Datasheet HTML 6Page - Maxim Integrated Products MAX412ESA Datasheet HTML 7Page - Maxim Integrated Products MAX412ESA Datasheet HTML 8Page - Maxim Integrated Products MAX412ESA Datasheet HTML 9Page - Maxim Integrated Products MAX412ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Single/Dual/Quad, 28MHz, Low-Noise,
Low-Voltage, Precision Op Amps
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(V+ = 5V, V- = -5V, TA = +25°C, unless otherwise noted.)
-85
-88
-91
-94
-97
-100
20
100
10k
50k
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY
FREQUENCY (Hz)
1k
VS =
±5V
TA = +25
°C
499
Ω
VIN
7VP-P
0
50
45
40
35
30
25
20
15
10
5
1
10
100
1000
10,000
PERCENTAGE OVERSHOOT
vs. CAPACITIVE LOAD
CAPACITANCE LOAD (pF)
VS =
±5V
TA = +25
°C
AV = -1, RS = 2k
Ω
AV = -10, RS = 200
Ω
CL
RS
30pF
2k
Ω
150
80
1
100
1000
MAX412/MAX414
CHANNEL SEPARATION vs. FREQUENCY
100
90
140
130
120
110
FREQUENCY (kHz)
10
VS =
±5V
TA = +25
°C
500
Ω
V01
CHANNEL SEPARATION = 20 logIN
500
Ω
10
Ω
V02
1k
Ω
GAIN AND PHASE vs. FREQUENCY
FREQUENCY (kHz)
140
-20
120
100
80
60
40
20
0
90
-270
45
0
-45
-90
-135
-180
-225
0.001
0.0001
0.01
0.1
1
10
100
1,000
10,000
100,000
MAX410-14 toc20
GAIN
PHASE
40
30
20
10
0
-10
-20
-30
-40
-50
-60
0
-45
-90
-135
-180
-225
1
10
100
GAIN AND PHASE vs. FREQUENCY
FREQUENCY (MHz)
MAX410-14 toc21
GAIN
PHASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com