| Electronic Components Datasheet Search |
|
MPC8640DEC Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8640DEC Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc |
|
59 / 140 page ![]() MPC8640 and MPC8640D Integrated Host Processor Hardware Specifications, Rev. 1 Freescale Semiconductor 59 High-Speed Serial Interfaces (HSSI) Figure 37. I2C Bus AC Timing Diagram 13 High-Speed Serial Interfaces (HSSI) The MPC8640D features two Serializer/Deserializer (SerDes) interfaces to be used for high-speed serial interconnect applications. The SerDes1 interface is dedicated for PCI Express data transfers. The SerDes2 can be used for PCI Express and/or Serial RapidIO data transfers. This section describes the common portion of SerDes DC electrical specifications, which is the DC requirement for SerDes Reference Clocks. The SerDes data lane’s transmitter and receiver reference circuits are also shown. 13.1 Signal Terms Definition The SerDes utilizes differential signaling to transfer data across the serial link. This section defines terms used in the description and specification of differential signals. Figure 38 shows how the signals are defined. For illustration purpose, only one SerDes lane is used for description. The figure shows waveform for either a transmitter output (SDn_TX and SDn_TX) or a receiver input (SDn_RX and SDn_RX). Each signal swings between A Volts and B Volts where A > B. Using this waveform, the definitions are as follows. To simplify illustration, the following definitions assume that the SerDes transmitter and receiver operate in a fully symmetrical differential signaling environment. 1. Single-Ended Swing The transmitter output signals and the receiver input signals SDn_TX, SDn_TX, SDn_RX and SDn_RX each have a peak-to-peak swing of A - B Volts. This is also referred as each signal wire’s Single-Ended Swing. 2. Differential Output Voltage, VOD (or Differential Output Swing): The Differential Output Voltage (or Swing) of the transmitter, VOD, is defined as the difference of the two complimentary output voltages: VSDn_TX - VSDn_TX. The VOD value can be either positive or negative. 3. Differential Input Voltage, VID (or Differential Input Swing): Sr S SDA SCL tI2CF tI2SXKL tI2CL tI2CH tI2DXKL tI2DVKH tI2SXKL tI2SVKH tI2KHKL tI2PVKH tI2CR tI2CF PS |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |