Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8640DEC Datasheet(PDF) 92 Page - Freescale Semiconductor, Inc

Part # MPC8640DEC
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8640DEC Datasheet(HTML) 92 Page - Freescale Semiconductor, Inc

Back Button MPC8640DEC Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 96Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 140 page
background image
MPC8640 and MPC8640D Integrated Host Processor Hardware Specifications, Rev. 1
92
Freescale Semiconductor
Package
NOTES for Figure 57
1.
All dimensions are in millimeters.
2.
Dimensions and tolerances per ASME Y14.5M-1994.
3.
Maximum solder ball diameter measured parallel to datum A.
4.
Datum A, the seating plane, is defined by the spherical crowns of the solder balls.
5.
Capacitors may not be present on all devices.
6.
Caution must be taken not to short capacitors or expose metal capacitor pads on package top.
7.
All dimensions symmetrical about centerlines unless otherwise specified.
8.
Note that for MPC8640 (single core) the solder balls for the following signals/pins are not populated in the
package: VDD_Core1 (R16, R18, R20, T17, T19, T21, T23, U16, U18, U22, V17, V19, V21, V23, W16,
W18, W20, W22, Y17, Y19, Y21, Y23, AA16, AA18, AA20, AA22, AB23, AC24) and SENSEVDD_Core1
(U20).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com