Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8640DEC Datasheet(PDF) 124 Page - Freescale Semiconductor, Inc

Part # MPC8640DEC
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8640DEC Datasheet(HTML) 124 Page - Freescale Semiconductor, Inc

Back Button MPC8640DEC Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 128Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 140 page
background image
MPC8640 and MPC8640D Integrated Host Processor Hardware Specifications, Rev. 1
124
Freescale Semiconductor
System Design Information
20.5
Connection Recommendations
To ensure reliable operation, it is highly recommended to connect unused inputs to an appropriate signal
level. In general all unused active low inputs should be tied to OVDD, Dn_GVDD, LVDD, TVDD,
VDD_Coren, and VDD_PLAT, XVDD_SRDSn, and SVDD as required and unused active high inputs
should be connected to GND. All NC (no-connect) signals must remain unconnected.
Special cases:
DDR - If one of the DDR ports is not being used the power supply pins for that port can be
connected to ground so that there is no need to connect the individual unused inputs of that port to
ground. Note that these power supplies can only be powered up again at reset for functionality to
occur on the DDR port. Power supplies for other functional buses should remain powered.
Local Bus - If parity is not used, tie LDP[0:3] to ground via a 4.7 k
Ω resistor, tie LPBSE to OVDD
via a 4.7 k
Ω resistor (pull-up resistor). For systems which boot from Local Bus (GPCM)-controlled
flash, a pullup on LGPL4 is required.
SerDes - Receiver lanes configured for PCI Express are allowed to be disconnected (as would
occur when a PCI Express slot is connected but not populated). Directions for terminating the
SerDes signals is discussed in Section 20.5.1, “Guidelines for High-Speed Interface Termination.”
20.5.1
Guidelines for High-Speed Interface Termination
20.5.1.1
SerDes Interface
The high-speed SerDes interface can be disabled through the POR input cfg_io_ports[0:3] and through the
DEVDISR register in software. If a SerDes port is disabled through the POR input the user can not enable
it through the DEVDISR register in software. However, if a SerDes port is enabled through the POR input
the user can disable it through the DEVDISR register in software. Disabling a SerDes port through
software should be done on a temporary basis. Power is always required for the SerDes interface, even if
the port is disabled through either mechanism. Table 71 describes the possible enabled/disabled scenarios
for a SerDes port. The termination recommendations must be followed for each port.
Table 71. SerDes Port Enabled/Disabled Configurations
Disabled through POR input
Enabled through POR input
Enabled through DEVDISR
SerDes port is disabled (and cannot
be enabled through DEVDISR)
Complete termination required
(Reference Clock not required)
SerDes port is enabled
Partial termination may be required 1
(Reference Clock is required)
Disabled through DEVDISR
SerDes port is disabled (through
POR input)
Complete termination required
(Reference Clock not required)
SerDes port is disabled after software
disables port
Same termination requirements as
when the port is enabled through POR
input 2
(Reference Clock is required)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com