Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8313ECVRAFDA Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC8313ECVRAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313ECVRAFDA Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC8313ECVRAFDA Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
Freescale Semiconductor
5
Overview
•
Full- and half-duplex Ethernet support (1000 Mbps supports only full-duplex):
— IEEE 802.3 full-duplex flow control (automatic PAUSE frame generation or
software-programmed PAUSE frame generation and recognition)
— Programmable maximum frame length supports jumbo frames (up to 9.6 Kbytes) and
IEEE 802.1 virtual local area network (VLAN) tags and priority
— VLAN insertion and deletion
– Per-frame VLAN control word or default VLAN for each eTSEC
– Extracted VLAN control word passed to software separately
— Retransmission following a collision
— CRC generation and verification of inbound/outbound packets
— Programmable Ethernet preamble insertion and extraction of up to 7 bytes
•
MAC address recognition:
— Exact match on primary and virtual 48-bit unicast addresses
– VRRP and HSRP support for seamless router fail-over
— Up to 16 exact-match MAC addresses supported
— Broadcast address (accept/reject)
— Hash table match on up to 512 multicast addresses
— Promiscuous mode
•
Buffer descriptors backward compatible with MPC8260 and MPC860T 10/100 Ethernet
programming models
•
RMON statistics support
•
10-Kbyte internal transmit and 2-Kbyte receive FIFOs
•
MII management interface for control and status
1.8
Programmable Interrupt Controller (PIC)
The programmable interrupt controller (PIC) implements the necessary functions to provide a flexible
solution for general-purpose interrupt control. The PIC programming model supports 5 external and 34
internal discrete interrupt sources. Interrupts can also be redirected to an external interrupt controller.
1.9
Power Management Controller (PMC)
The MPC8313E power management controller includes the following features:
•
Provides power management when the device is used in both host and agent modes
•
Supports PCI power management 1.2 D0, D1, D2, D3hot, and D3cold states
•
On-chip split power supply controlled through external power switch for minimum standby power
•
Support for PME generation in PCI agent mode, PME detection in PCI host mode
•
Supports wake-up from Ethernet (Magic Packet), USB, GPIO, and PCI (PME input as host)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com