Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8313ECVRAFDA Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # MPC8313ECVRAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313ECVRAFDA Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button MPC8313ECVRAFDA Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 100Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 96 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
96
Freescale Semiconductor
Document Revision History
1
3/2008
• In Table 63, added LBC_PM_REF_10 & LSRCID3 as muxed with USBDR_PCTL1
• In Table 63, added LSRCID2 as muxed with USBDR_PCTL0
• In Table 63, added LSRCID1 as muxed with USBDR_PWRFAULT
• In Table 63, added LSRCID0 as muxed with USBDR_DRIVE_VBUS
• In Table 63, moved T1, U2,& V2 from VDD to XCOREVDD.
• In Table 63, moved P2, R2, & T3 from VSS to XCOREVSS.
• In Table 63, moved P5, & U4 from VDD to XPADVDD.
• In Table 63, moved P3, & V4 from VSS to XPADVSS.
• In Table 63, removed “Double with pad” for AVDD1 and AVDD2 and moved AVDD1 and AVDD2 to Power
and Ground Supplies section
• In Table 63, added impedance control requirements for SD_IMP_CAL_TX (100 ohms to GND) and
SD_IMP_CAL_RX (200 ohms to GND).
• In Table 63, updated muxing in pinout to show new options for selecting IEEE 1588 functionality.
Added footnote 8
• In Table 63, updated muxing in pinout to show new LBC ECC boot enable control muxed with
eTSEC1_MDC
• Added pin type information for power supplies.
• Removed N1 and N3 from Vss section of Table 63. Added Therm0 and Therm1 (N1 and N3,
respectively). Added note 7 to state: “Internal thermally sensitive resistor, resistor value varies
linearly with temperature. Useful for determining the junction temperature.”
• In Table 65 corrected maximum frequency of Local Bus Frequency from “33–66” to 66 MHz
• In Table 65 corrected maximum frequency of PCI from “24–66” to 66 MHz
• Added “which is determined by RCWLR[COREPLL],” to the note in Section 20.2, “Core PLL
Configuration” about the VCO divider.
• Added “(VCOD)” next to VCO divider column in Table 68. Added footnote stating that core_clk
frequency must not exceed its maximum, so 2.5:1 and 3:1
core_clk:csb_clk ratios are invalid for
certain
csb_clk values.
• In Table 69, notes were confusing. Added note 3 for VCO column, note 4 for CSB (
csb_clk) column,
note 5 for USB ref column, and note 6 to replace “Note 1”. Clarified note 4 to explain erratum
eTSEC40.
• In Table 69, updated note 6 to specify USB reference clock frequencies limited to 24 and 48 for rev.
2 silicon.
• Replaced Table 71 “Thermal Resistance for TEPBGAII with Heat Sink in Open Flow”.
• Removed last row of Table 19.
• Removed 200 MHz rows from Table 21 and Table 5.
• Changed VIH minimum spec from 2.0 to 2.1 for clock, PIC, JTAG, SPI, and reset pins in Table 9,
Table 47, Table 54, Table 59, and Table 61.
• Added Figure 4 showing the DDR input timing diagram.
• In Table 19, removed “MDM” from the “MDQS-MDQ/MECC/MDM” text under the Parameter
column for the tCISKEW parameter. MDM is an output signal and should be removed from
the input AC timing spec table (tCISKEW).
• Added “and power” to rows 2 and 3 in Table 10
• Added the sentence “Once both the power supplies...” and PORESET to Section 2.2, “Power
Sequencing,” and Figure 3.
• In Figure 35, corrected “USB0_CLK/USB1_CLK/DR_CLK” with “USBDR_CLK”
• In Table 42, clarified that AC specs are for ULPI only.
0
6/2007
Initial release.
Table 73. Document Revision History (continued)
Rev.
Number
Date
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com