Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8313ECVRAFDA Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC8313ECVRAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313ECVRAFDA Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC8313ECVRAFDA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
12
Freescale Semiconductor
Clock Input Timing
4
Clock Input Timing
This section provides the clock input DC and AC electrical characteristics for the MPC8313E.
4.1
DC Electrical Characteristics
Table 7 provides the system clock input (SYS_CLK_IN/PCI_SYNC_IN) DC timing specifications for the
MPC8313E.
4.2
AC Electrical Characteristics
The primary clock source for the MPC8313E can be one of two inputs, SYS_CLK_IN or PCI_CLK,
depending on whether the device is configured in PCI host or PCI agent mode. Table 8 provides the system
clock input (SYS_CLK_IN/PCI_CLK) AC timing specifications for the MPC8313E.
Table 7. SYS_CLK_IN DC Electrical Characteristics
Parameter
Condition
Symbol
Min
Max
Unit
Input high voltage
—
VIH
2.4
NVDD +0.3
V
Input low voltage
—
VIL
–0.3
0.4
V
SYS_CLK_IN input current
0 V
≤ VIN ≤ NVDD
IIN
—±10
μA
PCI_SYNC_IN input current
0 V
≤ VIN ≤ 0.5 V
or
NVDD –0.5 V ≤ VIN ≤ NVDD
IIN
—±10
μA
PCI_SYNC_IN input current
0.5 V
≤ VIN ≤ NVDD –0.5 V
IIN
—
±50
μA
Table 8. SYS_CLK_IN AC Timing Specifications
Parameter/Condition
Symbol
Min
Typ
Max
Unit
Notes
SYS_CLK_IN/PCI_CLK frequency
fSYS_CLK_IN
24
—
66.67
MHz
1
SYS_CLK_IN/PCI_CLK cycle time
tSYS_CLK_IN
15
—
—
ns
—
SYS_CLK_IN/PCI_CLK rise and fall time
tKH, tKL
0.6
0.8
1.2
ns
2
SYS_CLK_IN/PCI_CLK duty cycle
tKHK/tSYS_CLK_IN
40
—
60
%
3
SYS_CLK_IN/PCI_CLK jitter
—
—
—
±150
ps
4, 5
Notes:
1. Caution: The system, core, security block must not exceed their respective maximum or minimum operating frequencies.
2. Rise and fall times for SYS_CLK_IN/PCI_CLK are measured at 0.4 and 2.7 V.
3. Timing is guaranteed by design and characterization.
4. This represents the total input jitter—short term and long term—and is guaranteed by design.
5. The SYS_CLK_IN/PCI_CLK driver’s closed loop jitter bandwidth should be <500 kHz at –20 dB. The bandwidth must be set
low to allow cascade-connected PLL-based devices to track SYS_CLK_IN drivers with the specified jitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com