Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1691 Datasheet(PDF) 4 Page - Texas Instruments

Part # PCM1691
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level, ?誇,Eight-Channel, Audio Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1691 Datasheet(HTML) 4 Page - Texas Instruments

  PCM1691 Datasheet HTML 1Page - Texas Instruments PCM1691 Datasheet HTML 2Page - Texas Instruments PCM1691 Datasheet HTML 3Page - Texas Instruments PCM1691 Datasheet HTML 4Page - Texas Instruments PCM1691 Datasheet HTML 5Page - Texas Instruments PCM1691 Datasheet HTML 6Page - Texas Instruments PCM1691 Datasheet HTML 7Page - Texas Instruments PCM1691 Datasheet HTML 8Page - Texas Instruments PCM1691 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
ELECTRICAL CHARACTERISTICS: DAC
PCM1691
SBAS450 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
All specifications at TA = +25°C, VCC1 = VCC2 = 5 V, VDD = 3.3 V, fS = 48 kHz, SCKI = 512 fS, 24-bit data, and Sampling
mode = Auto, unless otherwise noted.
PCM1691
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESOLUTION
16
24
Bits
DC ACCURACY
Gain mismatch channel-to-channel
±2.0
±6.0
% of FSR
Gain error
±2.0
±6.0
% of FSR
Bipolar zero error
±1.0
% of FSR
DYNAMIC PERFORMANCE(1)(2)
fS = 48 kHz
–94
–86
dB
Total harmonic distortion + noise
THD+N
VOUT = 0 dB
fS = 96 kHz
–94
dB
fS = 192 kHz
–94
dB
fS = 48 kHz, EIAJ, A-weighted
104
111
dB
Dynamic range
fS = 96 kHz, EIAJ, A-weighted
111
dB
fS = 192 kHz, EIAJ, A-weighted
111
dB
fS = 48 kHz, EIAJ, A-weighted
104
111
dB
Signal-to-noise ratio
SNR
fS = 96 kHz, EIAJ, A-weighted
111
dB
fS = 192 kHz, EIAJ, A-weighted
111
dB
fS = 48 kHz
100
106
dB
Channel separation
fS = 96 kHz
106
dB
(between one channel and others)
fS = 192 kHz
105
dB
ANALOG OUTPUT
Output voltage
SIngle-ended
0.8 × VCC1
VPP
Center voltage
0.5 × VCC1
V
Load impedance
To ac-coupled GND
5
k
Ω
f = 20 kHz
–0.04
dB
LPF frequency response
f = 44 kHz
–0.18
dB
DIGITAL FILTER PERFORMANCE WITH SHARP ROLL-OFF
Except SCKI = 128 fS and 192 fS
0.454 × fS
Hz
Passband (single, dual)
SCKI = 128 fS and 192 fS
0.432 × fS
Hz
Passband (quad)
0.432 × fS
Hz
Except SCKI = 128 fS and 192 fS
0.546 × fS
Hz
Stop band (single, dual)
SCKI = 128 fS and 192 fS
0.569 × fS
Hz
Stop band (quad)
0.569 × fS
Hz
Passband ripple
< 0.454 × fS, 0.432 × fS
±0.0018
dB
Stop band attenuation
> 0.546 × fS, 0.569 × fS
–75
dB
(1)
In single-ended mode at VOUTx pins, fOUT = 1 kHz, using Audio Precision System II, Average mode with 20-kHz LPF and 400-Hz HPF.
(2)
fS = 48 kHz: SCKI = 512 fS (single), fS = 96 kHz : SCKI = 256 fS (dual), fS = 192 kHz : SCKI = 128 fS (quad).
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM1691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com