Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1691 Datasheet(PDF) 16 Page - Texas Instruments

Part # PCM1691
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level, ?誇,Eight-Channel, Audio Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1691 Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM1691 Datasheet HTML 12Page - Texas Instruments PCM1691 Datasheet HTML 13Page - Texas Instruments PCM1691 Datasheet HTML 14Page - Texas Instruments PCM1691 Datasheet HTML 15Page - Texas Instruments PCM1691 Datasheet HTML 16Page - Texas Instruments PCM1691 Datasheet HTML 17Page - Texas Instruments PCM1691 Datasheet HTML 18Page - Texas Instruments PCM1691 Datasheet HTML 19Page - Texas Instruments PCM1691 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
RESET OPERATION
VDD
0V
0.5
VCC
´
(VDD=3.3V,typ)
VCOM
(0.5
VCC1)
´
3846
SCKI
´
NormalOperation
SynchronousClocks
(VDD=2.2V,typ)
RST
InternalReset
VOUT1-8
SCKI,
BCK,
LRCK
VDD
SynchronousClocks
Power-Down
NormalOperation
NormalOperation
SynchronousClocks
0V
SCKI,
BCK,
LRCK
RST
InternalReset
VOUT1-8
0.5
VCC
´
(VDD=3.3V,typ)
3846
SCKI
´
100ns(min)
PCM1691
SBAS450 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
The PCM1691 has both an internal power-on reset circuit and an external reset circuit. The sequences for both
reset circuits are shown in Figure 20 and Figure 21. Figure 20 illustrates the timing at the internal power-on reset.
Initialization is triggered automatically at the point where VDD exceeds 2.2 V typical, and the internal reset is
released after 3846 SCKI clock cycles from power-on, if RST is held high and SCKI is provided. VOUTx from the
DAC is forced to the VCOM level initially (that is, 0.5 × VCC1) and settles at a specified level according to the
rising VCC. If synchronization among SCKI, BCK, and LRCK is maintained, VOUTx provides an output that
corresponds to DINx after 3846 SCKI clocks from power-on. If the synchronization is not held, the internal reset
is not released, and both operating modes are maintained at reset and power-down states. After synchronization
forms again, the DAC returns to normal operation with the previous sequences.
Figure 21 illustrates a timing diagram at the external reset. RST accepts an externally-forced reset with RST low,
and provides a device reset and power-down state that achieves the lowest power dissipation state available in
the PCM1691. If RST goes from high to low under synchronization among SCKI, BCK, and LRCK, the internal
reset is asserted, all registers and memory are reset, and finally, the PCM1691 enters into all power-down states.
At the same time, VOUTx is immediately forced into the AGND1 level. To begin normal operation again, toggle
RST high; the same power-up sequence is performed as the power-on reset shown in Figure 20.
The PCM1691 does not require particular power-on sequences for VCC and VDD; it allows VDD on and then
VCC on, or VCC on and then VDD on. From the viewpoint of the Absolute Maximum Ratings, however,
simultaneous power-on is recommended for avoiding unexpected responses on VOUTx. Figure 20 illustrates the
response for VCC on with VDD on.
Figure 20. Power-On-Reset Timing Requirements
Figure 21. External Reset Timing Requirements
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM1691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com