Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1691 Datasheet(PDF) 10 Page - Texas Instruments

Part # PCM1691
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level, ?誇,Eight-Channel, Audio Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1691 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM1691 Datasheet HTML 6Page - Texas Instruments PCM1691 Datasheet HTML 7Page - Texas Instruments PCM1691 Datasheet HTML 8Page - Texas Instruments PCM1691 Datasheet HTML 9Page - Texas Instruments PCM1691 Datasheet HTML 10Page - Texas Instruments PCM1691 Datasheet HTML 11Page - Texas Instruments PCM1691 Datasheet HTML 12Page - Texas Instruments PCM1691 Datasheet HTML 13Page - Texas Instruments PCM1691 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
TYPICAL CHARACTERISTICS: Digital De-Emphasis Filter
0
1
2
3
4
5
6
7
8
9
10
-
-
-
-
-
-
-
-
-
-
22
Frequency(kHz)
0
6
4
2
8
10
12
14
16
18
20
0
1
2
3
4
5
6
7
8
9
10
-
-
-
-
-
-
-
-
-
-
20
Frequency(kHz)
0
6
4
2
8
10
12
14
16
18
0
1
2
3
4
5
6
7
8
9
10
-
-
-
-
-
-
-
-
-
-
14
Frequency(kHz)
0
6
4
2
8
10
12
0
10
20
30
40
50
-
-
-
-
-
10M
Frequency(Hz)
1k
10k
100k
1M
PCM1691
SBAS450 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
All specifications at TA = +25°C, VCC1 = VCC2 = 5 V, VDD = 3.3 V, fS = 48 kHz, SCKI = 512 fS, 24-bit data, and Sampling
mode = Auto, unless otherwise noted.
DE-EMPHASIS CHARACTERISTIC
DE-EMPHASIS CHARACTERISTIC
(fS = 48 kHz)
(fS = 44.1 kHz)
Figure 7.
Figure 8.
DE-EMPHASIS CHARACTERISTIC
(fS = 32 kHz)
ANALOG FILTER CHARACTERISTIC
Figure 9.
Figure 10.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM1691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com