Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1691 Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM1691
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level, ?誇,Eight-Channel, Audio Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1691 Datasheet(HTML) 1 Page - Texas Instruments

  PCM1691 Datasheet HTML 1Page - Texas Instruments PCM1691 Datasheet HTML 2Page - Texas Instruments PCM1691 Datasheet HTML 3Page - Texas Instruments PCM1691 Datasheet HTML 4Page - Texas Instruments PCM1691 Datasheet HTML 5Page - Texas Instruments PCM1691 Datasheet HTML 6Page - Texas Instruments PCM1691 Datasheet HTML 7Page - Texas Instruments PCM1691 Datasheet HTML 8Page - Texas Instruments PCM1691 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
Burr-BrownAudio
1
FEATURES
APPLICATIONS
DESCRIPTION
PCM1691
www.ti.com.............................................................................................................................................................................................. SBAS450 – OCTOBER 2008
24-Bit, 192-kHz Sampling, Enhanced Multi-Level,
ΔΣ,
Eight-Channel, Audio Digital-to-Analog Converter
• Analog Mute by Clock Halt Detection
2345
• 24-Bit, 8-Channel, Delta-Sigma DAC:
• External Reset Pin
–
High Performance (Single-Ended,
• Power Supplies:
fS = 48 kHz)
–
5-V Analog
–
THD+N: –94 dB
–
3.3-V Digital
–
SNR: 111 dB
• Package: HTSSOP-48
–
Dynamic Range: 111 dB
• Operating Temperature Range:
–
Sampling Rate: 8 kHz to 192 kHz
–
–40°C to +85°C
–
System Clock: 128 fS, 192 fS, 256 fS, 384 fS,
512 fS, 768 fS, 1152 fS
• Blu-ray Disc™ Players
–
Single-Ended Voltage Output: 4 VPP
• DVD Players
–
Analog Low-Pass Filter Included
• AV Receivers
–
4x/8x Oversampling Digital Filter:
• Home Theaters
–
Passband Ripple: ±0.0018 dB
• Car Audio External Amplifiers
–
Stop Band Attenuation: –75 dB
• Car Audio AVN Applications
–
Zero Flags (16-/20-/24-Bits)
• Flexible Audio Interface:
–
I/F Format:
The PCM1691 is a high-performance, single-chip,
–
I2S™, Left-/Right-Justified, DSP, TDM
24-bit, eight-channel, audio digital-to-analog converter
(DAC) with single-ended outputs. The eight-channel,
–
Data Length: 16, 20, 24, 32 Bits
24-bit
DAC
employs
an
enhanced
multi-level,
• Flexible Mode Control:
delta-sigma (
ΔΣ) modulator, and supports 8-kHz to
–
3-Wire SPI™, 2-Wire I2C™-Compatible
192-kHz sampling rates and a 16-/20-/24-/32-bit width
Serial Control Interface, or
digital audio input word on the audio interface. The
Hardware Control
PCM1691
audio
interface
supports
a
time-division-multiplexed (TDM) format in addition to
• Multi Functions via SPI or I2C I/F:
I2S, left-justified, right-justified, and DSP formats.
–
Audio I/F Format Select: I2S, Left-Justified,
The PCM1691 can be controlled through a three-wire,
Right-Justified, DSP, TDM
SPI-compatible or two-wire, I2C-compatible serial
–
Digital Attenuation and Soft Mute
interface in software, which provides access to all
–
Digital De-Emphasis:
functions including digital attenuation, soft mute,
–
32 kHz, 44.1 kHz, 48 kHz
de-emphasis, and so forth. Additionally, hardware
control
mode
provides
two
user-programmable
–
Data Polarity Control
functions through two control pins. The PCM1691 is
–
Power-Down
available in a 12-mm × 8-mm (12-mm × 6-mm body),
• Multi Functions via Hardware Control:
48-pin HTSSOP package.
–
Audio I/F Format Select: I2S, TDM
–
Digital De-Emphasis Filter: 44.1 kHz
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Blu-ray Disc is a trademark of Blu-ray Disc Association.
3
SPI is a trademark of Motorola, Inc.
4
I2S, I2C are trademarks of NXP Semiconductors.
5
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM1691

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1690 TI-PCM1690 Datasheet
1Mb / 46P
24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Eight-Channel Audio Digital-to-Analog Converter
PCM1690 TI1-PCM1690 Datasheet
1Mb / 48P
Eight-Channel Audio Digital-to-Analog Converter
PCM1690-Q1 TI1-PCM1690-Q1 Datasheet
1Mb / 46P
24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Eight-Channel Audio Digital-to-Analog Converter
PCM1690DCA TI-PCM1690DCA Datasheet
1Mb / 46P
24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Eight-Channel Audio Digital-to-Analog Converter
PCM1690DCA TI1-PCM1690DCA Datasheet
1Mb / 48P
Eight-Channel Audio Digital-to-Analog Converter
More results

Similar Description - PCM1691

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1754 BURR-BROWN-PCM1754 Datasheet
309Kb / 33P
24-BIT, 192 kHz SAMPLING ENHANCED MULTI-LEVEL, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1681 TI-PCM1681 Datasheet
1Mb / 43P
24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1690 TI-PCM1690 Datasheet
1Mb / 46P
24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Eight-Channel Audio Digital-to-Analog Converter
PCM1789 TI-PCM1789 Datasheet
1Mb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Stereo, Audio Digital-to-Analog Converter
PCM1789-Q1 TI1-PCM1789-Q1 Datasheet
1Mb / 41P
24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇, Stereo, Audio Digital-to-Analog Converter
PCM1690-Q1 TI1-PCM1690-Q1 Datasheet
1Mb / 46P
24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Eight-Channel Audio Digital-to-Analog Converter
PCM1754-Q1 TI1-PCM1754-Q1 Datasheet
1Mb / 38P
24-BIT 192-kHz SAMPLING ENHANCED MULTI-LEVEL DELTA-SIGMA AUDIO DIGITAL-TO-ANALOG CONVERTER
PCM1681PWPR TI1-PCM1681PWPR Datasheet
1Mb / 43P
24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1681 TI-PCM1681_15 Datasheet
1Mb / 44P
PCM1681 24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma,Eight-Channel Audio Digital-to-Analog Converter
PCM1690 TI-PCM1690_15 Datasheet
1Mb / 48P
PCM1690 24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Eight-Channel Audio Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com