Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM102 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSM102
Description  DUAL OPERATIONAL AMPLIFIER - DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM102 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSM102 Datasheet HTML 2Page - STMicroelectronics TSM102 Datasheet HTML 3Page - STMicroelectronics TSM102 Datasheet HTML 4Page - STMicroelectronics TSM102 Datasheet HTML 5Page - STMicroelectronics TSM102 Datasheet HTML 6Page - STMicroelectronics TSM102 Datasheet HTML 7Page - STMicroelectronics TSM102 Datasheet HTML 8Page - STMicroelectronics TSM102 Datasheet HTML 9Page - STMicroelectronics TSM102 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Vaux
TS M102 Vref
Vcc
+
9
Vaux
13
8
+
Figure 3 : A precise power supply for the TSM102A and other components
= 2.5 / [ 56 / (131.5 + 56 + 0.68 ) ]
= 8.400V
Vout = 8.400V
Low Battery signal :
If R5 = 0
Ω and R6 = open :
Vout(LoBatt) = Vref / [ R19 / ( R17 + R19 ) ]
= 2.5 / [ 10 / (12.4 + 10) ]
= 5.6V
Vout(LoBatt) = 5.6V
End of Charge signal :
Vout(EOC)
= Vref / [ (R2 + R3 ) / (R1 + R2 + R3) ]
= 2.5 / [ (56 + 0.68) / (131.5 + 56 + 0.68) ]
= 8.300V
Vout (EOC)= 8.300V
Notes:
The current control values must be chosen in ac-
cordance with the elements of the primary side. The
performances of the battery charger in their global-
ity are highly dependent on the adequation of the
primary and the secondary elements.
The addition of the diode D9 is necessary to avoid
dramatic discharge of the battery cells in case of
the charger disconnection from the mains voltage,
and therefore, the voltage measurement is to be
operated on the cathode side of the diode not to
take its voltage drop into account. The total bridge
value of R1, R2, R3 must ensure low battery dis-
charge if the charger is disconnected from main,
but remains connected to the battery by mistake.
The chosen values impose a 44
µA discharge cur-
rent max.
R12 and R13 are the equivalent resistors seen from
the opamp and from the comparator.
A hysteresis resistor can be connected to the ”End
Of Charge” comparator to ensureproper hysteresis
to this signal, but this resistor must be chosen
carefully not to degrade the output voltage preci-
sion. It might be needed to impose unidirectionnal
hysteresis (by inserting a diode on the positive
feedback of the comparator).
Figure 3 shows how to use the integrated Voltage
Reference to build a precise Power Supply for the
TSM102
8/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com