Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM102 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSM102
Description  DUAL OPERATIONAL AMPLIFIER - DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM102 Datasheet(HTML) 2 Page - STMicroelectronics

  TSM102 Datasheet HTML 1Page - STMicroelectronics TSM102 Datasheet HTML 2Page - STMicroelectronics TSM102 Datasheet HTML 3Page - STMicroelectronics TSM102 Datasheet HTML 4Page - STMicroelectronics TSM102 Datasheet HTML 5Page - STMicroelectronics TSM102 Datasheet HTML 6Page - STMicroelectronics TSM102 Datasheet HTML 7Page - STMicroelectronics TSM102 Datasheet HTML 8Page - STMicroelectronics TSM102 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
36
V
Vid
Differential Input Voltage
36
V
Vi
Input Voltage
-0.3 to +36
V
Toper
Operating Free-air Temperature Range
-40 to +125
oC
Tj
Maximum Junction Temperature
150
oC
Thermal Resistance Juction to Ambient (SO package)
150
oC/W
ELECTRICAL CHARACTERISTICS
VCC
+ =5V, VCC- =0V, Tamb =25oC (unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Unit
ICC
Total Supply Current
Tmin. <Tamb <Tmax.
0.8
1.5
2
mA
OPERATIONAL AMPLIFIERS
VCC
+ =5V, VCC = GND, R1 connected to VCC/2,Tamb =25oC (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage
Tmin.
≤ Tamb ≤ Tmax.
1
4.5
6.5
mV
DVio
Input Offset Voltage Drift
10
µV/oC
Iib
Input Bias Current
Tmin.
≤ Tamb ≤ Tmax.
20
100
200
nA
Iio
Input Offset Current
Tmin.
≤ Tamb ≤ Tmax.
520
40
nA
Avd
Large Signal Voltage Gain
R1 = 10k, VCC
+ = 30V, Vo = 5V to 25V
Tmin.
≤ Tamb ≤ Tmax.
50
25
100
V/mV
SVR
Supply Voltage Rejection Ratio
VCC = 5V to 30V
80
100
dB
Vicm
Input Common Mode Voltage Range
Tmin.
≤ Tamb ≤ Tmax.
(VCC
-)to (VCC+) -1.8
(VCC
-)to(VCC+) -2.2
V
CMR
Common Mode Rejection Ratio
VCC
+ = 30V, V
icm =0V to (VCC
+) -1.8V
70
90
dB
Isc
Output Short Circuit Current
Vid =
±1V, Vo = 2.5V
Source
Sink
3
3
6
6
mA
VOH
High Level Output Voltage
RL = 10k
Ω
VCC
+ = 30V
Tmin.
≤ Tamb ≤ Tmax.
27
26
28
V
VOL
Low Level Output Voltage
RL = 10k
Ω
Tmin.
≤ Tamb ≤ Tmax.
100
150
210
mV
SR
Slew Rate
VCC =
±15V
Vi =
±10V, RL = 10kΩ,CL = 100pF
1.6
2
V/
µs
GBP
Gain Bandwidth Product
RL = 10k
Ω,CL = 100pF, f = 100kHz
1.4
2.1
MHz
∅m
Phase Margin
RL = 10k
Ω,CL = 100pF
45
Degrees
THD
Total Harmonic Distortion
0.05
%
en
Equivalent Input Noise Voltage
f = 1kHz
29
nV
√
Hz
Cs
Channel Separation
120
dB
TSM102
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com