Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM102 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSM102
Description  DUAL OPERATIONAL AMPLIFIER - DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM102 Datasheet(HTML) 4 Page - STMicroelectronics

  TSM102 Datasheet HTML 1Page - STMicroelectronics TSM102 Datasheet HTML 2Page - STMicroelectronics TSM102 Datasheet HTML 3Page - STMicroelectronics TSM102 Datasheet HTML 4Page - STMicroelectronics TSM102 Datasheet HTML 5Page - STMicroelectronics TSM102 Datasheet HTML 6Page - STMicroelectronics TSM102 Datasheet HTML 7Page - STMicroelectronics TSM102 Datasheet HTML 8Page - STMicroelectronics TSM102 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Notes : 1.
∆V
ref is defined as the difference between the maximum and minimum values obtained over the full temperature
range.
∆V
ref =Vref max. -Vref min
2.
The temperature coefficient is defined as the slopes (positive and negative) of the voltage vs temperature limits whithin
which the reference voltage is guaranteed.
3.
The dynamic Impedance is defined as |ZKA|
=
∆VKA
∆IK
T1
T2
Te mpe rature
V ref max.
Vref min.
25 C
Te mp e ra ture
ma x
2.5V
min
-n
p pm
/
C
+ n
pp m
/ C
VOLTAGE REFERENCE
Symbol
Parameter
Value
Unit
VKA
Cathode to Anode Voltage
Vref to 36
V
IK
Cathode Current
1 to 100
mA
ELECTRICAL CHARACTERISTICS
Tamb =25
oC (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vref
Reference Input Voltage - (figure 1) - Tamb =25
oC
TSM102, VKA =Vref,IK = 10mA
TSM102A, VKA =Vref,IK = 10mA
2.475
2.490
2.500
2.500
2.525
2.510
V
∆Vref
Reference Input Voltage Deviation Over
Temperature Range - (figure 1, note1)
VKA =Vref, IK= 10mA, Tmin.
≤ Tamb ≤ Tmax.
730
mV
∆Vref
∆T
Temperature Coefficient of Reference Input Voltage - (note 2)
VKA =Vref,IK = 10mA, Tmin.
≤ Tamb ≤ Tmax.
±22
±100
ppm/
oC
∆Vref
∆VKA
Ratio of Change in Reference Input Voltage to Change in Cathode to
Anode Voltage - (figure 2)
IK = 10mA,
∆VKA = 36 to 3V
-1.1
-2
mV/V
Iref
Reference Input Current - (figure 2)
IK = 10mA, R1 = 10k
Ω,R2 = ∞
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
1.5
2.5
3
µA
∆Iref
Reference Input Current Deviation Over
Temperature Range - (figure 2)
IK = 10mA, R1 = 10k
Ω,R2 = ∞
Tmin.
≤ Tamb ≤ Tmax.
0.5
1
µA
Imin
Minimum Cathode Current for Regulation - (figure 1)
VKA =Vref
0.5
1
mA
Ioff
Off-State Cathode Current - (figure 3)
180
500
nA
TSM102
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com