Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM102 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSM102
Description  DUAL OPERATIONAL AMPLIFIER - DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM102 Datasheet(HTML) 3 Page - STMicroelectronics

  TSM102 Datasheet HTML 1Page - STMicroelectronics TSM102 Datasheet HTML 2Page - STMicroelectronics TSM102 Datasheet HTML 3Page - STMicroelectronics TSM102 Datasheet HTML 4Page - STMicroelectronics TSM102 Datasheet HTML 5Page - STMicroelectronics TSM102 Datasheet HTML 6Page - STMicroelectronics TSM102 Datasheet HTML 7Page - STMicroelectronics TSM102 Datasheet HTML 8Page - STMicroelectronics TSM102 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
COMPARATORS
VCC
+ = +5V, VCC = Ground, Tamb =25oC (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage
Tmin.
≤ Tamb ≤ Tmax.
5
9
mV
Iio
Input Offset Current
Tmin.
≤ Tamb ≤ Tmax.
50
150
nA
Iib
Input Bias Current
Tmin.
≤ Tamb ≤ Tmax.
250
400
nA
IOH
High Level Output Current
Vid = 1V, VCC =Vo = 30V
Tmin.
≤ Tamb ≤ Tmax.
0.1
1
nA
µA
VOL
Low Level Output Voltage
Vid = -1V, Isink = 4mA
Tmin.
≤ Tamb ≤ Tmax.
250
400
700
mV
Avd
Large Signal Voltage Gain
R1 = 15k, VCC = 15V, Vo = 1 to 11V
200
V/mV
Isink
Output Sink Current
Vid = -1V, Vo = 1.5V
616
mA
Vicm
Input Common Mode Voltage Range
Tmin.
≤ Tamb ≤ Tmax.
0
0
VCC
+ -1.5
VCC
+ -2
V
Vid
Differential Input Voltage
VCC
+
V
tre
Response Time - (note 1)
R1 = 5.1k to VCC
+,Vref = 1.4V
1.3
µs
trel
Large Signal Response Time
Vref = 1.4V, Vi = TTL, R1 = 5.1k to VCC
+
300
ns
Note 1 :
The response time specified is for 100mV input step with 5mV overdrive.
For larger overdrive signals, 300ns can be obtained.
TSM102
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com