Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4525 Datasheet(PDF) 60 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 60 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 56Page - Cirrus Logic CS4525 Datasheet HTML 57Page - Cirrus Logic CS4525 Datasheet HTML 58Page - Cirrus Logic CS4525 Datasheet HTML 59Page - Cirrus Logic CS4525 Datasheet HTML 60Page - Cirrus Logic CS4525 Datasheet HTML 61Page - Cirrus Logic CS4525 Datasheet HTML 62Page - Cirrus Logic CS4525 Datasheet HTML 63Page - Cirrus Logic CS4525 Datasheet HTML 64Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 98 page
background image
60
DS726PP3
CS4525
6.4.2
Full-Bridge Output Filter (Stereo or Parallel)
Figure 27 shows the output filter for stereo full-bridge and parallel full-bridge output configurations. Tran-
sient voltage suppression circuits are implemented as a RC snubber networks comprised of resistors Rs
(5.6
Ω, 1/8 W) and capacitors Cs (680 pF). These should be placed as close as possible to the corre-
sponding output pin. These circuits decrease the slew rate of the output signal and reduce high frequency
ringing which can lead to increased EMI. The Schottky diodes protect the body diodes of the output de-
vices by conducting load current during switching transitions; these diodes must be present to ensure
proper device operation.
The inductors L1 and L2 along with capacitor C1 form the low-pass filter. These values combine with the
nominal load impedance of the speaker to set the cut-off frequency of the filter. Table 20 shows the com-
ponent values based on nominal speaker impedance for a corner frequency of approximately 35 kHz
(-3 dB).
Load
L1, L2
C1
4
Ω
10 µH
1.0 µF
6
Ω
15 µH
0.47 µF
8
Ω
22 µH
0.47 µF
Table 20. Low-Pass Filter Components - Full-Bridge
OUT+
VP
* ROHM RB160 M-30
or equivalent
D1*
D2*
Rs
5.6
Ω
Cs
680 pF
C1
L1
VP
D3*
D4*
Rs
5.6
Ω
Cs
680 pF
L2
OUT-
Figure 27. Output Filter - Full-Bridge
CS4525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com