Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4525 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 36Page - Cirrus Logic CS4525 Datasheet HTML 37Page - Cirrus Logic CS4525 Datasheet HTML 38Page - Cirrus Logic CS4525 Datasheet HTML 39Page - Cirrus Logic CS4525 Datasheet HTML 40Page - Cirrus Logic CS4525 Datasheet HTML 41Page - Cirrus Logic CS4525 Datasheet HTML 42Page - Cirrus Logic CS4525 Datasheet HTML 43Page - Cirrus Logic CS4525 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 98 page
background image
40
DS726PP3
CS4525
6.1.4.12 Thermal Foldback
The CS4525 implements comprehensive thermal foldback features to guard against damaging thermal
overload conditions. Thermal foldback is similar to the thermal limiting described on page 39 in that both
features attenuate the output signal in response to thermal warnings conditions; however, thermal fold-
back will attenuate as a function of how long thermal warning has been active whereas thermal limiter
always limits by a constant amount. Also, the thermal foldback feature will deactivate once the thermal
warning condition ceases while the thermal limiter will remain active once triggered until the RST pin is
driven low.
The thermal foldback algorithm begins limiting the volume of the digital audio input to the amplifier stage
as the junction temperatures rise above the maximum safe operating range specified by the thermal warn-
ing trigger point listed in the PWM Power Output Characteristics table on page 20. This effectively limits
the output power capability of the device, thereby allowing the temperature to reduce to acceptable levels
without fully interrupting operation. As the device cools, the applied attenuation is gradually released until
a new thermal equilibrium is reached or all applied attenuation has been released thereby allowing the
device to again achieve its full output power capability.
Attenuation applied due to thermal foldback reduces the audio output level in a linear manner. Figure 18
below demonstrates the foldback process.
Thermal Warning
Threshold
tdelay
1
2
2
2
2
3
1
Foldback Attack Delay
AttackDly[1:0]
tdelay
tdelay
tdelay
tdelay
3
The junction temperature is checked once again after the next foldback attack timer timeout. If it has remained below the
thermal warning threshold since the last check, the device will begin to release any attenuation applied as a result of the
foldback event. Setting the LockAdj bit will prevent the device from removing the applied attenuation when the thermal
overload condition has cleared.
If the junction temperature crosses the thermal warning threshold again, the foldback algorithm will once again enter
step 1.
1
When the junction temperature crosses the thermal warning threshold, the foldback attack delay timer is started.
2
When the foldback attack delay timer reaches tdelay seconds, the junction temperature is checked. If the junction
temperature is above the thermal warning threshold, the output volume level is lowered by 0.5 dB and the foldback
attack timer is restarted.
The junction temperature is checked after each foldback attack timer timeout, and if necessary, the output volume level
is lowered accordingly.
If the junction temperature is found to be below the thermal warning threshold, the foldback attack timer is restarted
once again, but the output volume level is not altered. The foldback algorithm then proceeds to step 3.
Figure 18. Foldback Process



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com