Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4525 Datasheet(PDF) 88 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 88 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 84Page - Cirrus Logic CS4525 Datasheet HTML 85Page - Cirrus Logic CS4525 Datasheet HTML 86Page - Cirrus Logic CS4525 Datasheet HTML 87Page - Cirrus Logic CS4525 Datasheet HTML 88Page - Cirrus Logic CS4525 Datasheet HTML 89Page - Cirrus Logic CS4525 Datasheet HTML 90Page - Cirrus Logic CS4525 Datasheet HTML 91Page - Cirrus Logic CS4525 Datasheet HTML 92Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 98 page
background image
88
DS726PP3
CS4525
9.19
Power Control (Address 5Fh)
9.19.1
Automatic Power Stage Retry (AutoRetry)
Default = 1
Function:
Enables the Auto-Retry function upon over-current error. See “Automatic Power Stage Shut-Down” on
page 53.
9.19.2
Enable Over-Current Protection (EnOCProt)
Default = 1
Function:
Enables the PWM power output over-current protection feature described in “Automatic Power Stage
Shut-Down” on page 53.
WARNING: The EnOCProt bit must never to changed from its default value of 1. Doing so will disable the over-cur-
rent protection feature and may result in permanent damage to the CS4525.
9.19.3
Select VD Level (SelectVD)
Default = 1
Function:
This bit selects between a VD of 2.5 V, 3.3 V, or 5.0 V.
9.19.4
Power Down ADC (PDnADC)
Default = 1
Function:
The ADC will enter a power down state when this bit is enabled.
76
543
21
0
AutoRetry
EnOCProt
SelectVD
PDnADC
PDnOut3/4
PDnOut2
PDnOut1
PDnAll
AutoRetry Setting
Auto-Retry State
0 .......................................... Auto-Retry feature disabled.
1 .......................................... Auto-Retry feature enabled.
SelectVD Setting
Selected VD Level
0 .......................................... VD = 2.5 V.
1 .......................................... VD = 3.3 V or 5.0 V.
PDnADC Setting
ADC Power-Down State
0 .......................................... Normal ADC operation.
1 .......................................... ADC power-down enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com