Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4525 Datasheet(PDF) 96 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 96 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 90Page - Cirrus Logic CS4525 Datasheet HTML 91Page - Cirrus Logic CS4525 Datasheet HTML 92Page - Cirrus Logic CS4525 Datasheet HTML 93Page - Cirrus Logic CS4525 Datasheet HTML 94Page - Cirrus Logic CS4525 Datasheet HTML 95Page - Cirrus Logic CS4525 Datasheet HTML 96Page - Cirrus Logic CS4525 Datasheet HTML 97Page - Cirrus Logic CS4525 Datasheet HTML 98Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 96 / 98 page
background image
96
DS726PP3
CS4525
12.PACKAGE DIMENSIONS
Notes:
1.
Dimensioning and tolerance per ASME Y4.5M - 1994.
2.
Dimensioning lead width applies to the plated terminal and is measured between 0.20 mm and
0.25 mm from the terminal tip.
INCHES
MILLIMETERS
NOTE
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
----
0.0354
----
0.90
1
A1
0.0000
--
0.0020
0.00
--
0.05
1
b
0.0118
0.0138
0.0157
0.30
0.35
0.40
1,2
D
0.3543 BSC
9.00 BSC
1
D2
0.2618
0.2677
0.2736
6.65
6.80
6.95
1
E
0.3543 BSC
9.00 BSC
1
E2
0.2618
0.2677
0.2736
6.65
6.80
6.95
1
e
0.0256 BSC
0.65 BSC
1
L
0.0177
0.0217
0.0276
0.45
0.55
0.70
1
JEDEC #: MO-220
Controlling Dimension is Millimeters.
Table 22:
Side View
A1
Bottom View
Top View
A
Pin #1 ID
D
E
D2
L
b
e
Pin #1 ID
E2
48L QFN (9
× 9 MM BODY) PACKAGE DRAWING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com