Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5560 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS5560
Description  짹2.5 V / 5 V, 50 kSps, 24-bit, High-throughput ?誇 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5560 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS5560 Datasheet HTML 10Page - Cirrus Logic CS5560 Datasheet HTML 11Page - Cirrus Logic CS5560 Datasheet HTML 12Page - Cirrus Logic CS5560 Datasheet HTML 13Page - Cirrus Logic CS5560 Datasheet HTML 14Page - Cirrus Logic CS5560 Datasheet HTML 15Page - Cirrus Logic CS5560 Datasheet HTML 16Page - Cirrus Logic CS5560 Datasheet HTML 17Page - Cirrus Logic CS5560 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
CS5560
14
DS713PP1
3/25/08
To perform only one conversion, CONV should return high at least 20 master clock cycles before RDY
falls.
Once a conversion is completed and RDY falls, RDY will return high when all the bits of the data word are
emptied from the serial port or if the conversion data is not read and CS is held low, RDY will go high two
MCLK cycles before the end of conversion. RDY will fall at the end of the next conversion when new data
is put into the port register.
See Serial Port on page 24 for information about reading conversion data.
Conversion performance can be affected by several factors. These include the choice of clock source for
the chip, the timing of CONV, and the choice of the serial port mode.
The converter can be operated from an internal oscillator. This clock source has greater jitter than an ex-
ternal crystal-based clock. Jitter may not be an issue when measuring DC signals, or very-low-frequency
AC signals, but can become an issue for higher frequency AC signals. For maximum performance when
digitizing AC signals, a low-jitter MCLK should be used.
To maximize performance, the CONV pin should be held low in the continuous conversion state to per-
form multiple conversions, or CONV should occur synchronous to MCLK, falling when MCLK falls.
If the converter is operated at maximum throughput, the SSC serial port mode is less likely to cause in-
terference to measurements as the SCLK output is synchronized to the MCLK. Alternately, any interfer-
ence due to serial port clocking can also be minimized if data is read in the SEC serial port mode when a
conversion is not in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com