Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5560 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS5560
Description  짹2.5 V / 5 V, 50 kSps, 24-bit, High-throughput ?誇 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5560 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS5560 Datasheet HTML 13Page - Cirrus Logic CS5560 Datasheet HTML 14Page - Cirrus Logic CS5560 Datasheet HTML 15Page - Cirrus Logic CS5560 Datasheet HTML 16Page - Cirrus Logic CS5560 Datasheet HTML 17Page - Cirrus Logic CS5560 Datasheet HTML 18Page - Cirrus Logic CS5560 Datasheet HTML 19Page - Cirrus Logic CS5560 Datasheet HTML 20Page - Cirrus Logic CS5560 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
CS5560
DS713PP1
17
3/25/08
3.6 Typical Connection Diagrams
The following figure depicts the CS5560 powered from bipolar analog supplies, +2.5 V and - 2.5 V.
Figure 6. CS5560 Configured Using
±2.5V Analog Supplies
VREF-
VREF+
+4.096
Voltage
Reference
(NOTE 1)
+2.5 V
SMODE
CS
5SCLK
5SDO
RDY
CONV
MCLK
SLEEP
RST
BP/UP
1. See Section 3.3 Voltage Reference for information on required
voltage reference performance criteria.
2.Locate capacitors so as to minimize loop length.
3. The ±2.5 V supplies should also be bypassed to ground at the converter.
4. VLR and the power supply ground for the ±2.5 V should be
connected to the same ground plane under the chip.
5. SCLK and SDO may require pull-down resistors in some applications.
6. An RC input filter can be used to band limit the input to reduce noise.
Select R to be equal to the parallel combination of the feedback of the
feedback resistors 4.99k || 4.99k = 2.5k
÷÷
NOTES
-2.5 V
BUFEN
(V-) Buffers Off
(V+) Buffers On
10 µF0.1 µF
V1+
V2+
V1-
V2-
VL
VLR
DCR
+2.5 V
+3.3 V to +1.8 V
0.1 µF
0.1 µF
X7R
0.1 µF
10
-2.5 V
CS5560
TST
10
0.1 µF
AIN-
AIN+
49.9
47pF
4.99k
4700pF
C0G
49.9
47pF
4.99k
4700pF
C0G
4.99k
4.99k
-2.048 V
+2.048 V
0 V
+2.048 V
-2.048 V
0 V
R1
R1
C1
C1
VLR2
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com