Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5560 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS5560
Description  짹2.5 V / 5 V, 50 kSps, 24-bit, High-throughput ?誇 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5560 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS5560 Datasheet HTML 21Page - Cirrus Logic CS5560 Datasheet HTML 22Page - Cirrus Logic CS5560 Datasheet HTML 23Page - Cirrus Logic CS5560 Datasheet HTML 24Page - Cirrus Logic CS5560 Datasheet HTML 25Page - Cirrus Logic CS5560 Datasheet HTML 26Page - Cirrus Logic CS5560 Datasheet HTML 27Page - Cirrus Logic CS5560 Datasheet HTML 28Page - Cirrus Logic CS5560 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
CS5560
DS713PP1
25
3/25/08
3.11 Power Supplies & Grounding
The CS5560 can be configured to operate with its analog supply operating from 5V, or with its analog sup-
plies operating from ±2.5V. The digital interface supports digital logic operating from either 1.8V, 2.5V, or
3.3V.
Figure 6 on page 17 illustrates the device configured to operate from ±2.5V analog. Figure 7 on page 18
illustrates the device configured to operate from 5V analog.
To maximize converter performance, the analog ground and the logic ground for the converter should be
connected at the converter. In the dual analog supply configuration, the analog ground for the ±2.5V sup-
plies should be connected to the VLR pin at the converter with the converter placed entirely over the an-
alog ground plane.
In the single analog supply configuration (+5V), the ground for the +5V supply should be directly tied to
the VLR pin of the converter with the converter placed entirely over the analog ground plane. Refer to
Figure 7 on page 18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com