Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5560 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS5560
Description  짹2.5 V / 5 V, 50 kSps, 24-bit, High-throughput ?誇 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5560 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS5560 Datasheet HTML 23Page - Cirrus Logic CS5560 Datasheet HTML 24Page - Cirrus Logic CS5560 Datasheet HTML 25Page - Cirrus Logic CS5560 Datasheet HTML 26Page - Cirrus Logic CS5560 Datasheet HTML 27Page - Cirrus Logic CS5560 Datasheet HTML 28Page - Cirrus Logic CS5560 Datasheet HTML 29Page - Cirrus Logic CS5560 Datasheet HTML 30Page - Cirrus Logic CS5560 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
CS5560
DS713PP1
27
3/25/08
At the same time the converter is performing a conversion on a channel from one bank of multiplexers,
the second multiplexer bank is used to select the channel for the next conversion. This configuration al-
lows the buffer amplifier for the second multiplexer bank to fully settle while a conversion is being per-
formed on the channel from the first multiplexer bank. The multiplexer on the output of the buffer amplifier
and the CONV signal can be changed at the same time in this configuration. This multiplexing architec-
ture allows for maximum multiplexing throughput from the A/D converter. The following figure depicts the
recommended analog input amplifier circuit.
Figure 23. More Complex Multiplexing Scheme
3.13 Synchronizing Multiple Converters
Many measurement systems have multiple converters that need to operate synchronously. The convert-
ers should all be driven from the same master clock. In this configuration, the converters will convert syn-
chronously if the same CONV signal is used to drive all the converters, and CONV falls on a falling edge
of MCLK. If CONV is held low continuously, reset (RST) can be used to synchronize multiple converters
if RST is released on a falling edge of MCLK.
CS556x
AIN+
AIN-
49.9
47pF
4.99k
4700pF
C0G
49.9
47pF
4.99k
4700pF
C0G
49.9
47pF
4.99k
4700pF
C0G
49.9
47pF
4.99k
4700pF
C0G
B1+
B2+
B1-
B2-
CH1
CH2
C1+
C2+
C1-
C2-
CH3
CH4
SW2
SW3
SW1
A1+
A2+
A1-
A2-
CONV
Convert on CH1
Convert on CH1
Convert on CH4
Convert on CH2
Convert on CH3
Select A1
Select A2
Select A1
Select A2
Select B1
Select B2
Select B1
Select A1
Select C1
Select C2
Select C1
SW1
SW2
SW3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com