Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER100B Datasheet(PDF) 1 Page - STMicroelectronics

Part # VIPER100B
Description  SMPS PRIMARY I.C.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER100B Datasheet(HTML) 1 Page - STMicroelectronics

  VIPER100B Datasheet HTML 1Page - STMicroelectronics VIPER100B Datasheet HTML 2Page - STMicroelectronics VIPER100B Datasheet HTML 3Page - STMicroelectronics VIPER100B Datasheet HTML 4Page - STMicroelectronics VIPER100B Datasheet HTML 5Page - STMicroelectronics VIPER100B Datasheet HTML 6Page - STMicroelectronics VIPER100B Datasheet HTML 7Page - STMicroelectronics VIPER100B Datasheet HTML 8Page - STMicroelectronics VIPER100B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
VIPer100B
VIPer100BSP
SMPS PRIMARY I.C.
PRELIMINARY DATA
January 2000
BLOCK DIAGRAM
T YPE
VDSS
In
RDS(on)
VIPer100B/BSP
400V
6 A
1.1
Ω
FEATURE
s
ADJUSTABLE SWITCHING FREQUENCY UP
TO 200KHZ
s
CURRENT MODE CONTROL
s
SOFT START AND SHUT DOWN CONTROL
s
AUTOMATIC BURST MODE OPERATION IN
STAND-BY CONDITION ABLE TO MEET
”BLUE ANGEL” NORM (<1W TOTAL POWER
CONSUMPTION)
s
INTERNALLY TRIMMED ZENER
REFERENCE
s
UNDERVOLTAGE LOCK-OUT WITH
HYSTERESIS
s
INTEGRATED START-UP SUPPLY
s
AVALANCHE RUGGED
s
OVERTEMPERATURE PROTECTION
s
LOW STAND-BY CURRENT
s
ADJUSTABLE CURRENT LIMITATION
DESCRIPTION
VIPer100B/100BSP, made using VIPower M0
Technology, combines on the same silicon chip a
state-of-the-art PWM circuit together with an
optimized high voltage avalanche rugged Vertical
Power
MOSFET
(400
V
/
6
A).
Typical
applications cover off line power supplies with
a secondary power capability of 100 W in a US
mains lines configuration. It is compatible from
both primary or secondary regulation loop despite
using around 50%
less
components when
compared with a discrete solution. Burst mode
operation is an additional feature of this device,
offering the possibility to operate in stand-by
mode without extra components.
PowerSO-10
1
10
PENTAWATT HV
PENTAWATT HV
(022Y)
VDD
OSC
COMP
DRAIN
SOURCE
13 V
UVLO
LOGIC
SECURITY
LATCH
PWM
LATCH
FF
FF
R/S
S
Q
S
R1
R2 R3
Q
OSCILLATOR
OVERTEMP.
DETECTOR
ERROR
AMPLIFIER
_
+
0.5 V
+
_
1.7
µs
DELAY
25 0 ns
BLANKING
CURRENT
AMPLIFIER
ON/OFF
0.5V
0. 5V/A
_
+
+
_
4.5 V
®
1/20


Similar Part No. - VIPER100B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER100 STMICROELECTRONICS-VIPER100 Datasheet
406Kb / 23P
SMPS PRIMARY I.C.
rev. A
VIPER100(022Y) STMICROELECTRONICS-VIPER100(022Y) Datasheet
406Kb / 23P
SMPS PRIMARY I.C.
rev. A
VIPER100-22-E STMICROELECTRONICS-VIPER100-22-E Datasheet
266Kb / 29P
SMPS PRIMARY I.C.
23-Sep-2005
VIPER100-E STMICROELECTRONICS-VIPER100-E Datasheet
266Kb / 29P
SMPS PRIMARY I.C.
23-Sep-2005
VIPER100/SP STMICROELECTRONICS-VIPER100/SP Datasheet
406Kb / 23P
SMPS PRIMARY I.C.
rev. A
More results

Similar Description - VIPER100B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER20 STMICROELECTRONICS-VIPER20 Datasheet
179Kb / 25P
SMPS PRIMARY I.C.
Jul-2002
VIPER20B STMICROELECTRONICS-VIPER20B Datasheet
151Kb / 17P
SMPS PRIMARY I.C.
Sep-1999
VIPER20A-E STMICROELECTRONICS-VIPER20A-E Datasheet
642Kb / 34P
SMPS primary I.C.
21-Jun-2006
VIPER50 STMICROELECTRONICS-VIPER50 Datasheet
407Kb / 23P
SMPS PRIMARY I.C.
May-2003
VIPER100-E STMICROELECTRONICS-VIPER100-E Datasheet
266Kb / 29P
SMPS PRIMARY I.C.
23-Sep-2005
VIPER100A-E STMICROELECTRONICS-VIPER100A-E Datasheet
349Kb / 31P
SMPS PRIMARY I.C.
23-Sep-2005
VIPER50A-E STMICROELECTRONICS-VIPER50A-E Datasheet
348Kb / 31P
SMPS PRIMARY I.C.
26-Sep-2005
VIPER50-E STMICROELECTRONICS-VIPER50-E Datasheet
266Kb / 29P
SMPS PRIMARY I.C.
26-Sep-2005
VIPER20-E STMICROELECTRONICS-VIPER20-E Datasheet
319Kb / 31P
SMPS PRIMARY I.C.
27-Sep-2005
VIPER100A STMICROELECTRONICS-VIPER100A Datasheet
354Kb / 31P
SMPS PRIMARY I.C.
23-Sep-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com