Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER100B Datasheet(PDF) 2 Page - STMicroelectronics

Part # VIPER100B
Description  SMPS PRIMARY I.C.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER100B Datasheet(HTML) 2 Page - STMicroelectronics

  VIPER100B Datasheet HTML 1Page - STMicroelectronics VIPER100B Datasheet HTML 2Page - STMicroelectronics VIPER100B Datasheet HTML 3Page - STMicroelectronics VIPER100B Datasheet HTML 4Page - STMicroelectronics VIPER100B Datasheet HTML 5Page - STMicroelectronics VIPER100B Datasheet HTML 6Page - STMicroelectronics VIPER100B Datasheet HTML 7Page - STMicroelectronics VIPER100B Datasheet HTML 8Page - STMicroelectronics VIPER100B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ABSOLUTE MAXIMUM RATING
Symb ol
Parameter
Value
Uni t
VDS
Continuous Drain-Source Voltage (T j = 25 to 125
oC)
-0. 3 to 400
V
ID
Maximum Current
Int ernally Limited
A
VDD
Supply Voltage
0 t o 15
V
VOSC
Voltage Range I nput
0 t o VDD
V
VCOMP
Voltage Range I nput
0 to 5
V
ICOMP
Maximum Continuous Current
±2mA
Vesd
Elect rostatic discharge (R = 1. 5 K
Ω C = 100pF)
4000
V
ID(AR)
Avalanche Drain-Source Current , Repetitive or Not-Repetitive
(TC =100
oC, Pulse Width Limited by TJ max,
δ <1%)
3A
Ptot
Power Dissipat ion at Tc = 25
oC82
W
Tj
Junct ion Operat ing Temperature
Int ernally Limited
oC
Tstg
St orage Temperature
-65 to 150
oC
THERMAL DATA
PENT AW ATT-HV
PowerSO-10(*)
Rthj-ca se
Thermal Resistance Junction-case
Max
1.4
1.4
oC/W
Rth j-a mb.
Thermal Resistance Ambient -case
Max
60
50
oC/W
(*) When mounted using the minimum recommended pad size on FR-4 board.
CURRENT AND VOLTAGE CONVENTIONS
-
+
13V
OSC
COMP SOURCE
DRAIN
VDD
VCOMP
VOSC
VDD
VDS
ICOMP
IOSC
IDD
ID
FC00020
CONNECTION DIAGRAMS (Top View)
PENTAWATT HV
PENTAWATT HV (022Y)
PowerSO-10
VIPER100B/BSP
2/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com