Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER100B Datasheet(PDF) 13 Page - STMicroelectronics

Part # VIPER100B
Description  SMPS PRIMARY I.C.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER100B Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VIPER100B Datasheet HTML 9Page - STMicroelectronics VIPER100B Datasheet HTML 10Page - STMicroelectronics VIPER100B Datasheet HTML 11Page - STMicroelectronics VIPER100B Datasheet HTML 12Page - STMicroelectronics VIPER100B Datasheet HTML 13Page - STMicroelectronics VIPER100B Datasheet HTML 14Page - STMicroelectronics VIPER100B Datasheet HTML 15Page - STMicroelectronics VIPER100B Datasheet HTML 16Page - STMicroelectronics VIPER100B Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
placed into a standby mode with reduced
consumption and also provided to the external
capacitor connected to the VDD pin. As soon as
the voltage on this pin reaches the high voltage
threshold VDDon of the UVLO logic, the device
turns into active mode and starts switching. The
start up current generator is switched off, and the
converter should normally provide the needed
current on the VDD pin through the auxiliary
winding of the transformer, as shown on figure
15.
In case of abnormal condition where the auxiliary
winding is unable to provide the low voltage
supply current to the VDD pin (i.e. short circuit on
the
output
of
the
converter), the
external
capacitor discharges itself down to the low
threshold voltage VDDoff of the UVLO logic, and
the device get back to the inactive state where
the internal circuits are in standby mode and the
start up current source is activated. The converter
enters a endless start up cycle, with a start-up
duty cycle defined by the ratio of charging current
towards discharging when the VIPer100B/BSP
tries to start. This ratio is fixed by design to 2 to
15, which gives a 12% start up duty cycle while
the power dissipation at start up is approximately
0.6 W, for a 230 Vrms input voltage. This low
value of start-up duty cycle prevents the stress of
the output rectifiers and of the transformer when
in short circuit.
The external capacitor CVDD on the VDD pin must
be sized according to the time needed by the
converter to start up, when the device starts
switching. This time tSS depends on many
parameters, among which transformer design,
output
capacitors,
soft
start
feature
and
compensation network
implemented
on
the
COMP pin. The following formula can be used for
defining the minimum capacitor needed:
CVDD
>
IDD tSS
VDDhyst
where:
IDD is the consumption current on the VDD pin
when switching. Refer to specified IDD1 and IDD2
values.
tSS is the start up time of the converter when the
device begins to switch. Worst case is generally
at full load.
VDDhyst is the voltage hysteresis of the UVLO
logic. Refer to the minimum specified value.
Soft start feature can be implemented on the
COMP pin through a simple capacitor which will
be also used as the compensation network. In
this case, the regulation loop bandwidth is rather
low, because of the large value of this capacitor.
In case a large regulation loop bandwidth is
mandatory, the schematics of figure 16 can be
Figure 15: Behaviour of the high voltage current source at start-up
FC001 00B
Ref.
UNDERVOLTAGE
LOCK OUT LOGIC
15 mA
1mA
3mA
2mA
15 mA
VDD
DRAIN
SO URCE
VIP er100B
Auxiliary prima ry
winding
VDD
t
VDDoff
VDDon
Sta r t up duty cycle ~ 10%
CVDD
VIPER100B/BSP
13/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com