Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER100B Datasheet(PDF) 4 Page - STMicroelectronics

Part # VIPER100B
Description  SMPS PRIMARY I.C.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER100B Datasheet(HTML) 4 Page - STMicroelectronics

  VIPER100B Datasheet HTML 1Page - STMicroelectronics VIPER100B Datasheet HTML 2Page - STMicroelectronics VIPER100B Datasheet HTML 3Page - STMicroelectronics VIPER100B Datasheet HTML 4Page - STMicroelectronics VIPER100B Datasheet HTML 5Page - STMicroelectronics VIPER100B Datasheet HTML 6Page - STMicroelectronics VIPER100B Datasheet HTML 7Page - STMicroelectronics VIPER100B Datasheet HTML 8Page - STMicroelectronics VIPER100B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AVALANCHE CHARACTERISTICS
Symb ol
Parameter
Max Valu e
Uni t
ID(a r)
Avalanche Current, Repetitive or Not -Repet itive
(pulse width limited by Tj max,
δ <1%)
3A
E(ar)
Single Pulse Avalanche Energy
(starting Tj =25
oC, ID =ID(ar))
(see fig. 12)
60
mJ
ELECTRICAL CHARACTERISTICS (TJ =25
oC, VDD = 13 V, unless otherwise specified)
POWER SECTION
Symb ol
Parameter
Test Con ditio ns
Mi n.
Typ .
Max.
Un it
BVDSS
Drain-Source Voltage
ID =1 mA
VCOMP = 0 V
400
V
IDSS
Of f-St ate Drain Current
VCOMP =0 V
TJ= 125
oC
VDS =400 V
1
mA
RDS( on)
St atic Drain Source on
Resistance
ID =4 A
ID =4 A
TJ =100
oC
0.9
1.1
2
Ω
Ω
tf
Fall Time
ID =0.2 A Vin = 300 V (1)
(see fig.3)
100
ns
tr
Rise Time
ID =4 A
Vin = 300 V (1)
(see fig. 3)
50
ns
COSS
Output Capacit ance
VDS = 25 V
180
pF
(1) On Inductive Load, Clamped.
SUPPLY SECTION
Symb ol
Parameter
Test Con ditio ns
Mi n.
Typ .
Max.
Un it
IDDch
St art -up Charging
Current
VDD =5 V
VDS =70 V
(see fig. 2 and fig. 15)
-2
mA
IDD0
Operat ing Supply Current VDD =12 V,
FSW =0 KHz
(see fig. 2)
12
16
mA
IDD1
Operat ing Supply Current VDD =12 V,
FSW = 100 KHz
15. 5
mA
IDD2
Operat ing Supply Current VDD =12 V,
FSW =200 KHz
19
mA
VDDo ff
Undervolt age Shutdown
(see fig. 2)
8
V
VDDo n
Undervolt age Reset
(see fig. 2)
11
12
V
VDDhyst
Hysteresis St art-up
(see fig. 2)
2. 4
3
V
VIPER100B/BSP
4/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com