Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP216 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT89LP216
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP216 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT89LP216_08 Datasheet HTML 35Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 36Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 37Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 38Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 39Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 40Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 41Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 42Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 96 page
background image
39
3621C–MICRO–6/08
AT89LP216
interrupted by a data byte. An address byte, however, interrupts all slaves. Each slave can
examine the received byte and see if it is being addressed. The addressed slave clears its SM2
bit and prepares to receive the data bytes that follows. The slaves that are not addressed set
their SM2 bits and ignore the data bytes. See “Automatic Address Recognition” on page 48.
The SM2 bit has no effect in Mode 0 but can be used to check the validity of the stop bit in
Mode 1. In a Mode 1 reception, if SM2 = 1, the receive interrupt is not activated unless a valid
stop bit is received.
Notes:
1. SMOD0 is located at PCON.6.
2. f
osc = oscillator frequency.
Table 17-1.
SCON – Serial Port Control Register
SCON Address = 98H
Reset Value = 0000 0000B
Bit Addressable
SM0/FE
SM1
SM2
REN
TB8
RB8
T1
RI
Bit
7
65
43
21
0
(SMOD0 = 0/1)(1)
Symbol
Function
FE
Framing error bit. This bit is set by the receiver when an invalid stop bit is detected. The FE bit is not cleared by valid
frames and must be cleared by software. The SMOD0 bit must be set to enable access to the FE bit. FE will be set
regardless of the state of SMOD0.
SM0
Serial Port Mode Bit 0, (SMOD0 must = 0 to access bit SM0)
SM1
Serial Port Mode Bit 1
SM2
Enables the Automatic Address Recognition feature in Modes 2 or 3. If SM2 = 1 then Rl will not be set unless the received
9th data bit (RB8) is 1, indicating an address, and the received byte is a Given or Broadcast Address. In Mode 1, if SM2 =
1 then Rl will not be activated unless a valid stop bit was received, and the received byte is a Given or Broadcast Address.
In Mode 0, SM2 should be 0.
REN
Enables serial reception. Set by software to enable reception. Clear by software to disable reception.
TB8
The 9th data bit that will be transmitted in Modes 2 and 3. Set or clear by software as desired.
RB8
In Modes 2 and 3, the 9th data bit that was received. In Mode 1, if SM2 = 0, RB8 is the stop bit that was received. In Mode
0, RB8 is not used.
TI
Transmit interrupt flag. Set by hardware at the end of the 8th bit time in Mode 0, or at the beginning of the stop bit in the
other modes, in any serial transmission. Must be cleared by software.
RI
Receive interrupt flag. Set by hardware at the end of the 8th bit time in Mode 0, or halfway through the stop bit time in the
other modes, in any serial reception (except see SM2). Must be cleared by software.
SM0
SM1
Mode
Description
Baud Rate(2)
0
0
0
shift register
f
osc/2
0
1
1
8-bit UART
variable (Timer 1)
1
0
2
9-bit UART
f
osc/32 or fosc/16
1
1
3
9-bit UART
variable (Timer 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com