Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP216 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT89LP216
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP216 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT89LP216_08 Datasheet HTML 2Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 3Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 4Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 5Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 6Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 7Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 8Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 9Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 96 page
background image
6
3621C–MICRO–6/08
AT89LP216
6.
Memory Organization
The AT89LP216 uses a Harvard Architecture with separate address spaces for program and
data memory. The program memory has a regular linear address space with support for up to
64K bytes of directly addressable application code. The data memory has 128 bytes of internal
RAM and 128 bytes of Special Function Register I/O space. The AT89LP216 does not support
external data memory or external program memory.
6.1
Program Memory
The AT89LP216 contains 2K bytes of on-chip In-System Programmable Flash memory for pro-
gram storage. The Flash memory has an endurance of at least 10,000 write/erase cycles and a
minimum data retention time of 10 years. The reset and interrupt vectors are located within the
first 59 bytes of program memory (refer to Table 12-1 on page 19). Constant tables can be allo-
cated within the entire 2K program memory address space for access by the MOVC instruction.
The AT89LP216 does not support external program memory.
Figure 6-1.
Program Memory Map
A map of the AT89LP216 program memory is shown in Figure 6-1. In addition to the 2K code
space from 0000h to 07FFh, the AT89LP216 also supports a 64-byte User Signature Array and
a 32-byte Atmel Signature Array that are accessible by the CPU in a read-only fashion. In order
to read from the signature arrays, the SIGEN bit in AUXR1 must be set. While SIGEN is one,
MOVC A,@A+DPTR will access the signature arrays. The User Signature Array is mapped to
addresses 0040h to 007Fh and the Atmel Signature Array is mapped to addresses 0000h to
001Fh. SIGEN must be cleared before using MOVC to access the code memory.
The Atmel Signature Array is initialized with the Device ID in the factory. The User Signature
Array is available for user identification codes or constant parameter data. Data stored in the sig-
nature array is not secure. Security bits will disable writes to the array; however, reads are
always allowed.
Table 6-1.
AUXR1
– Auxiliary Register 1
AUXR1 = A2H
Reset Value = XXXX 0XXXB
Not Bit Addressable
––––
SIGEN
–––
Bit
76543
210
Program Memory
0000
07FF
0000
001F
User Signature Array
0040
007F
Atmel Signature Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com