Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP216 Datasheet(PDF) 52 Page - ATMEL Corporation

Part # AT89LP216
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP216 Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button AT89LP216_08 Datasheet HTML 48Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 49Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 50Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 51Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 52Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 53Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 54Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 55Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 96 page
background image
52
3621C–MICRO–6/08
AT89LP216
Table 19-3.
SPSR – SPI Status Register
SPSR Address = E8H
Reset Value = 000X X000B
Not Bit Addressable
SPIF
WCOL
LDEN
–
–
SSIG
DISSO
ENH
Bit
76543
210
Symbol
Function
SPIF
SP interrupt flag. When a serial transfer is complete, the SPIF bit is set and an interrupt is generated if SPIE = 1 and
ES = 1. The SPIF bit is cleared by reading the SPI status register followed by reading/writing the SPI data register.
WCOL
When ENH = 0: Write collision flag. The WCOL bit is set if the SPI data register is written during a data transfer. During
data transfer, the result of reading the SPDR register may be incorrect, and writing to it has no effect. The WCOL bit
(and the SPIF bit) are cleared by reading the SPI status register followed by reading/writing the SPI data register.
When ENH = 1: WCOL works in Enhanced mode as Tx Buffer Full. Writing during WCOL = 1 in enhanced mode will
overwrite the waiting data already present in the Tx Buffer. In this mode, WCOL is no longer reset by the SPIF reset but
is reset when the write buffer has been unloaded into the serial shift register.
LDEN
Load enable for the Tx buffer in enhanced SPI mode.
When ENH is set, it is safe to load the Tx Buffer while LDEN = 1 and WCOL = 0. LDEN is high during bits 0 - 3 and is low
during bits 4 - 7 of the SPI serial byte transmission time frame.
SSIG
Slave Select Ignore. If SSIG = 0, the SPI will only operate in slave mode if SS (P1.4) is pulled low. When SSIG = 1, the
SPI ignores SS in slave mode and is active whenever SPE (SPCR.6) is set. P1.4 may be used as a regular I/O pin when
SSIG = 1.
DISSO
Disable slave output bit.
When set, this bit causes the MISO pin to be tri-stated so more than one slave device can share the same interface with
a single master. Normally, the first byte in a transmission could be the slave address and only the selected slave should
clear its DISSO bit.
ENH
Enhanced SPI mode select bit. When ENH = 0, SPI is in normal mode, i.e. without write double buffering.
When ENH = 1, SPI is in enhanced mode with write double buffering. The Tx buffer shares the same address with the
SPDR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com