Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP216 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT89LP216
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP216 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT89LP216_08 Datasheet HTML 45Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 46Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 47Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 48Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 49Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 50Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 51Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 52Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 96 page
background image
49
3621C–MICRO–6/08
AT89LP216
In a more complex system, the following could be used to select slaves 1 and 2 while excluding
slave 0:
Slave 0
SADDR = 1100 0000
SADEN = 1111 1001
Given
= 1100 0XX0
Slave 1
SADDR = 1110 0000
SADEN = 1111 1010
Given
= 1110 0X0X
Slave 2
SADDR = 1110 0000
SADEN = 1111 1100
Given
= 1110 00XX
In the above example, the differentiation among the 3 slaves is in the lower 3 address bits. Slave
0 requires that bit 0 = 0 and it can be uniquely addressed by 1110 0110. Slave 1 requires that
bit 1 = 0 and it can be uniquely addressed by 1110 and 0101. Slave 2 requires that bit 2 = 0 and
its unique address is 1110 0011. To select Slaves 0 and 1 and exclude Slave 2, use address
1110 0100, since it is necessary to make bit 2 = 1 to exclude slave 2.
The Broadcast Address for each slave is created by taking the logic OR of SADDR and SADEN.
Zeros in this result are trended as don’t cares. In most cases, interpreting the don’t cares as
ones, the broadcast address will be FF hexadecimal.
Upon reset SADDR (SFR address 0A9H) and SADEN (SFR address 0B9H) are loaded with
“0”s. This produces a given address of all “don’t cares” as well as a Broadcast address of all
“don’t cares”. This effectively disables the Automatic Addressing mode and allows the microcon-
troller to use standard 80C51-type UART drivers which do not make use of this feature.
19. Serial Peripheral Interface
The serial peripheral interface (SPI) allows high-speed synchronous data transfer between the
AT89LP216 and peripheral devices or between multiple AT89LP216 devices. The SPI features
include the following:
• Full-duplex, 3-wire Synchronous Data Transfer
• Master or Slave Operation
• Maximum Bit Frequency = f
OSC/4
• LSB First or MSB First Data Transfer
• Four Programmable Bit Rates in Master Mode
• End of Transmission Interrupt Flag
• Write Collision Flag Protection
• Double-buffered Receive
• Double-buffered Transmit (Enhanced Mode Only)
• Wake up from Idle Mode (Slave Mode Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com