Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE62005RGZR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005RGZR
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005RGZR Datasheet(HTML) 4 Page - Texas Instruments

  CDCE62005RGZR Datasheet HTML 1Page - Texas Instruments CDCE62005RGZR Datasheet HTML 2Page - Texas Instruments CDCE62005RGZR Datasheet HTML 3Page - Texas Instruments CDCE62005RGZR Datasheet HTML 4Page - Texas Instruments CDCE62005RGZR Datasheet HTML 5Page - Texas Instruments CDCE62005RGZR Datasheet HTML 6Page - Texas Instruments CDCE62005RGZR Datasheet HTML 7Page - Texas Instruments CDCE62005RGZR Datasheet HTML 8Page - Texas Instruments CDCE62005RGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 76 page
background image
CDCE62005
SCAS862 – NOVEMBER 2008........................................................................................................................................................................................... www.ti.com
PIN FUNCTIONS (continued)
PIN
TYPE
DESCRIPTION
NAME
QFN
REF_SEL
31
I
If Auto Reference Select Mode is OFF this Pin acts as External Input Reference Select Pin;
The REF_SEL signal selects one of the two input clocks:
REF_SEL [1]: PRI_IN is selected; REF_SEL [0]: SEC_IN is selected;
The input has an internal 150-k
Ω pull-up resistor if left unconnected it will default to logic level “1”.
If Auto Reference Select Mode in ON this Pin not used.
Power_Down
12
I
Active Low. Power down mode can be activated via this pin. See Table 14 for more details. The
input has an internal 150-k
Ω pull-up resistor if left unconnected it will default to logic level “1”.
SPI_LE has to be HIGH in order for the rising edge of Power_Down signal to load the EEPROM.
SYNC
14
I
Active Low. Sync mode can be activated via this pin. See Table 14 for more details. The input has
an internal 150-k
Ω, pull-up resistor if left unconnected it will default to logic level “1”.
AUX IN
43
I
Auxiliary Input is a single ended input including an on-board oscillator circuit so that a crystal may
be connected.
AUX OUT
13
O
Auxiliary Output LVCMOS level that can be programmed via SPI interface to be driven by Output 2
or Output 3.
PRI REF+
45
I
Universal Input Buffer (LVPECL, LVDS, LVCMOS) positive input for the Primary Reference Clock,
PRI REF–
46
I
Universal Input Buffer (LVPECL, LVDS) negative input for the Primary Reference Clock. In case of
LVCMOS signaling Ground this pin.
SEC REF+
3
I
Universal Input Buffer (LVPECL, LVDS, LVCMOS) positive input for the Secondary Reference
Clock,
SEC REF–
2
I
Universal Input Buffer (LVPECL, LVDS,) negative input for the Secondary Reference Clock. In
case of LVCMOS signaling Ground this pin.
TESTOUTA
30
Analog
Analog Test Point for Use for TI Internal Testing. Pull Down to GND Via a 1k
Ωs Resistor.
REG_CAP1
4
Analog
Capacitor for the internal Regulator. Connect to a 10uF Capacitor (Y5V)
REG_CAP2
38
Analog
Capacitor for the internal Regulator. Connect to a 10uF Capacitor (Y5V)
VBB
48
Analog
Capacitor for the internal termination Voltage. Connect to a 1uF Capacitor (Y5V)
EXT_LFP
40
Analog
External Loop Filter Input Positive
EXT_LFN
41
Analog
External Loop Filter Input Negative.
PLL_LOCK
37
AI/O
Output that indicates PLL Lock Status. See Figure 36.
U0P:U0N
27, 28
O
The Main outputs of CDCE62005 are user definable and can be any combination of up to 5
LVPECL outputs, 5 LVDS outputs or up to 10 LVCMOS outputs. The outputs are selectable via
U1P:U1N:
19, 20
SPI interface. The power-up setting is EEPROM configurable.
U2P:U2N
16,17
U3P:U3N
9, 10
U4P:U4N
6, 7
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com