Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE62005RGZR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005RGZR
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005RGZR Datasheet(HTML) 2 Page - Texas Instruments

  CDCE62005RGZR Datasheet HTML 1Page - Texas Instruments CDCE62005RGZR Datasheet HTML 2Page - Texas Instruments CDCE62005RGZR Datasheet HTML 3Page - Texas Instruments CDCE62005RGZR Datasheet HTML 4Page - Texas Instruments CDCE62005RGZR Datasheet HTML 5Page - Texas Instruments CDCE62005RGZR Datasheet HTML 6Page - Texas Instruments CDCE62005RGZR Datasheet HTML 7Page - Texas Instruments CDCE62005RGZR Datasheet HTML 8Page - Texas Instruments CDCE62005RGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 76 page
background image
DESCRIPTION
SerDes
CleanedClock
Data
DSP
CDCE62005
RecoveredClock
DSP Clock
ADCClock
ADCClock
DACClock
DEVICE INFORMATION
CDCE62005
SCAS862 – NOVEMBER 2008........................................................................................................................................................................................... www.ti.com
The CDCE62005 is a high performance clock generator and distributor featuring low output jitter, a high degree
of configurability via a SPI interface, and programmable start up modes determined by on-chip EEPROM.
Specifically tailored for clocking data converters and high-speed digital signals, the CDCE62005 achieves jitter
performance well under 1 ps RMS(1). It incorporates a synthesizer block with partially integrated loop filter, a
clock distribution block including programmable output formats, and an input block featuring an innovative smart
multiplexer. The clock distribution block includes five individually programmable outputs that can be configured to
provide different combinations of output formats (LVPECL, LVDS, LVCMOS). Each output can also be
programmed to a unique output frequency (ranging from 800 kHz to 1.5 GHz (2)) and skew relationship via a
programmable delay block. If all outputs are configured in single-ended mode (e.g., LVCMOS), the CDCE62005
supports up to ten outputs. Each output can select one of four clock sources to condition and distribute including
any of the three clock inputs or the output of the frequency synthesizer. The input block includes two universal
differential inputs which support frequencies up to 500 MHz and an auxiliary single ended input that can be
connected to a CMOS level clock or configured to connect to an external crystal via an on board oscillator block.
The smart input multiplexer has two modes of operation, manual and automatic. In manual mode, the user
selects the synthesizer reference via the SPI interface. In automatic mode, the input multiplexer will automatically
select between the highest priority input clock available.
Figure 1. CDCE62005 Application Example
(1)
10 kHz to 20 MHz integration bandwidth.
(2)
Frequency range depends on operational mode and output format selected.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com